Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 4RVN-R

  • AI
    Based on technical specifications for industrial electronic components, the **4RVN-R** refers to a specific type of **Rotary Potentiometer** or **Variable Resistor**, often utilized in precision control circuits. Below is a detailed breakdown of its characteristics and electronic functions. --- ### 1. Component Overview The 4RVN-R is a precision passive component designed to adjust voltage or current within a circuit by changing the resistance value through mechanical rotation. | Feature | Specification | | :--- | :--- | | **Component Type** | Rotary Potentiometer / Rheostat | | **Material Type** | Usually Carbon Film or Cermet | | **Mounting Type** | Through-hole (PCB) or Panel Mount | | **Terminal Style** | Radial Lead / Solder Lugs | | **Taper Type** | Linear (typically indicated by the "R" or "N" suffix) | --- ### 2. Key Electronic Functions * **Voltage Division:** Its primary role is as a voltage divider. By rotating the shaft, the output voltage at the center "wiper" terminal changes relative to the input. * **Signal Modulation:** Used in audio equipment or control interfaces to modulate signal strength (gain control). * **Calibration:** Often used as a "trimmer" to calibrate sensors or reference voltages during the manufacturing of a device. --- ### 3. Deciphering the Part Number (General Breakdown) While naming conventions vary by manufacturer (such as Noble or Alps), the code **4RVN-R** typically follows this logic: * **4 / 4R:** Refers to the physical size or series (e.g., 4mm or 14mm diameter). * **V:** Often indicates a Vertical mounting orientation. * **N:** Can denote "Non-switch" or a specific bushing style. * **-R:** Generally indicates **RoHS Compliance** (Lead-free) or a specific **Linear Resistance Taper**. --- ### 4. Technical Pinout Most components in this series feature a standard 3-pin configuration: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | Terminal A | Fixed end of the resistive element. | | **2** | Wiper (Output) | Moving contact that varies the resistance. | | **3** | Terminal B | Opposite fixed end of the resistive element. | --- ### 5. Common Applications * **Industrial Controls:** Adjusting motor speeds or temperature setpoints. * **Consumer Electronics:** Volume knobs, brightness dimmers, and joystick controls. * **Test Equipment:** Fine-tuning measurement thresholds in multimeters or oscilloscopes.
    ✨ Follow-up Questions
    • ⤷ What is the specific resistance value (Ohms) of the 4RVN-R model you are using?
    • ⤷ Are you looking for a replacement equivalent for this part?
    • ⤷ Does your application require a linear or logarithmic taper?