Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 5-F150-R

  • AI
    Based on the model number **5-F150-R**, this typically refers to a high-power, chassis-mount wirewound resistor. These components are designed for heavy-duty applications where heat dissipation is critical. --- ### Technical Specifications Below is a breakdown of the typical electronic characteristics for the **F150** series (150-Watt Chassis Mount Resistors): | Feature | Specification | | :--- | :--- | | **Power Rating** | 150 Watts (when mounted on a heat sink) | | **Resistance Range** | Typically 0.1Ω to 100kΩ (depending on specific sub-code) | | **Tolerance** | ±1%, ±5%, or ±10% | | **Housing Material** | Aluminum Gold-Anodized (for maximum heat transfer) | | **Mounting Style** | Chassis Mount / Bolt-on | | **Terminal Type** | Solder Lugs or Threaded Studs | --- ### Key Internal Components 1. **Resistive Element**: A high-grade alloy wire (often Nickel-Chromium) wound onto a ceramic core. The "5" in the prefix often denotes the specific alloy or tolerance grade. 2. **Encapsulation**: The wirewound element is molded into an aluminum housing using a high-temperature silicone or epoxy compound. This provides electrical insulation and environmental protection. 3. **Heat Sink Housing**: The finned aluminum body acts as a radiator. Without being bolted to a metal chassis, the power rating drops significantly (often by 50-70%). --- ### Common Applications Due to the "R" designation (usually indicating a standard Resistor or RoHS compliance), these parts are used in: * **Dynamic Braking**: Used in motor controllers to dissipate kinetic energy. * **Load Simulation**: Used in power supply testing to simulate a constant current draw. * **Inrush Current Limiting**: Protecting sensitive circuits during initial power-up. * **RF Termination**: Large dummy loads for radio frequency transmitters. --- ### Installation Requirements To ensure the part does not burn out, follow these electronic integration rules: * **Thermal Paste**: Apply a thin layer of thermal grease between the resistor base and the chassis. * **Derating**: If the ambient temperature exceeds 25°C, reduce the applied wattage according to the manufacturer's derating curve. * **Inductance**: Being "Wirewound," these parts have inherent inductance. They are generally not suitable for very high-frequency switching applications unless specified as "Non-Inductive" (often marked with an **N**).
    ✨ Follow-up Questions
    • ⤷ What is the specific resistance value required for your circuit?
    • ⤷ Do you need the derating curve for high-temperature environments?
    • ⤷ Are you looking for a non-inductive alternative for high-frequency use?