Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 5-R15

  • AI
    In the context of electronics and electrical engineering, the term **"5-R15"** or **"R15"** most commonly refers to a specific component specification, typically found on power inductors or high-precision resistors. Below is a breakdown of the two primary interpretations of this part. --- ## 1. Power Inductors (Common Interpretation) In modern Surface Mount Device (SMD) electronics, "R15" is a standard marking for an inductor's value. ### Specifications | Feature | Description | | :--- | :--- | | **Value** | 0.15 microhenries (µH) | | **Marking Logic** | The "R" acts as a decimal point. R15 = 0.15 | | **Typical Use** | Voltage Regulator Modules (VRM), Graphics cards (GPU), Motherboards | | **Physical Form** | Usually a grey or black molded metal composite square | ### Why "5-R15"? The "5" often prefixing the R15 can signify: * **Series Number:** A manufacturer-specific series (e.g., Series 5). * **Physical Size:** The dimensions of the component (e.g., 5mm x 5mm). * **Tolerance:** In some contexts, a "J" or "5" can indicate a 5% tolerance. --- ## 2. High-Precision Resistors If the part is a resistor, the "R" still functions as a decimal point. ### Specifications | Feature | Description | | :--- | :--- | | **Resistance** | 0.15 Ohms (Ω) | | **Wattage** | Often high-power (5 Watts) if "5" is the prefix | | **Application** | Current sensing, shunt resistors, and power supply monitoring | --- ## 3. Identification Table To identify your specific part, check the physical characteristics against this table: | Component Type | Visual Appearance | Function | | :--- | :--- | :--- | | **Inductor** | Square, metallic/grey, two large pads on the bottom. | Stores energy in a magnetic field; filters noise. | | **Resistor** | Flat chip (SMD) or ceramic rectangular block (Through-hole). | Limits current flow or measures current. | | **NTC Thermistor** | Disc-shaped, often green or black. | Protects against "Inrush Current" (Common in SCK-05-R15 models). | --- ### Summary of the "R" Marking Logic In electronic coding, the letter **R** represents the decimal for values under 10. * **R15** = 0.15 * **1R5** = 1.5 * **15R** = 15.0
    ✨ Follow-up Questions
    • ⤷ Is your 5-R15 part a square metal component or a flat chip?
    • ⤷ Are you trying to find a replacement for a damaged part on a circuit board?
    • ⤷ Does the component have any other markings like 'M' or 'K' at the end?