Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 5000-R00

  • AI
    The term **5000-R00** typically refers to a specific part number convention used by manufacturers like **Molex** (often associated with their 5.00mm pitch series) or as a specification for **Current Sense Resistors** (where R00 identifies the ohmic value). Below is a breakdown of the two most common interpretations of this part number in the electronics industry. --- ### 1. Current Sense Resistor (Metal Strip) In many electronic designs, "R00" is a suffix indicating a resistance value of zero (or a very low shunt value), while "5000" refers to the SMD package size (5.0mm x 2.5mm or similar). | Feature | Specification | | :--- | :--- | | **Type** | Fixed Resistor / Shunt | | **Material** | Metal Alloy / Manganese Copper | | **Resistance Value** | Often 0.00x $\Omega$ (High Precision) | | **Application** | Power management, battery monitoring, overcurrent protection | | **Mounting Type** | Surface Mount (SMD) | ### 2. Molex 5.00mm Pitch Series (Connectors) If the part is a connector (specifically from the Molex 5000 series), it belongs to a family of wire-to-board or wire-to-wire power connectors. #### Key Component Characteristics: * **Housing:** Usually made of Nylon (UL94V-2 or V-0 rated). * **Terminals:** Phosphor bronze or brass with tin or gold plating. * **Current Rating:** Typically supports up to 7A–10A depending on the specific wire gauge. * **Pitch:** 5.00mm (0.197") spacing between pins. --- ### Comparison of Usage Depending on the manufacturer (e.g., Vishay, Molex, or Ohmite), the part serves different functions: | Industry Segment | Function | Primary Component | | :--- | :--- | :--- | | **Power Electronics** | Measuring current flow | Shunt Resistor | | **Industrial Wiring** | Establishing electrical paths | Connector Housing/Pin | | **Automotive** | Battery sensing | High-wattage Metal Strip | ### Technical Summary If you are looking at a **Circuit Board (PCB)**: 1. **Check the Reference Designator:** If it starts with **"R"** (e.g., R101), it is a resistor. 2. **Check the Reference Designator:** If it starts with **"J"** or **"P"** (e.g., J5), it is a connector/header. ---
    ✨ Follow-up Questions
    • ⤷ Which manufacturer is listed on the component packaging?
    • ⤷ Is the part a flat rectangular chip or a plastic housing with pins?
    • ⤷ What is the specific application or device you found this part in?