Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 50737

  • AI
    The identifier **50737** most commonly refers to the **NTE5073A** through **NTE5096A** series of Zener Diodes, or specifically a manufacturer-specific part number often used in legacy industrial equipment. However, in the context of standard electronic components, it is frequently associated with a **5.1V Zener Diode** or a specific **NPN Transistor** variant depending on the prefix. Below is the breakdown of the most likely component: the **5.1V, 1/2 Watt Zener Diode**. --- ### 1. Component Overview: 50737 (Zener Diode) A Zener diode is designed to allow current to flow backwards when a certain set voltage (Zener Voltage) is reached. This makes it essential for voltage regulation. | Characteristic | Specification (Typical) | | :--- | :--- | | **Zener Voltage ($V_z$)** | 5.1 Volts | | **Power Dissipation ($P_d$)** | 500 mW (0.5 Watts) | | **Tolerance** | ±5% | | **Package Type** | DO-35 (Axial Glass) | | **Operating Temp** | -65°C to +200°C | --- ### 2. Key Functions The 50737/NTE5073A is used primarily for: * **Voltage Regulation:** Keeping a steady 5.1V supply for logic circuits. * **Clipping Circuits:** Limiting the amplitude of a signal to protect sensitive components. * **Reference Voltage:** Providing a stable baseline for comparators and op-amps. --- ### 3. Alternative Identification If the part is not a diode, it may be a proprietary house-coded number. Here are common cross-references: 1. **NTE5073A:** The most direct "5073" series electronic replacement (Zener Diode). 2. **Transistor (2N/BC Series):** In some older schematics, a "50737" might be a shortened version of a custom Motorola or TI transistor used in automotive or audio applications. --- ### 4. Basic Testing (Multimeter) To verify if a 50737 Zener Diode is functional using a digital multimeter (DMM): ```python # Diode Test Mode Procedure: 1. Connect RED lead to Anode, BLACK to Cathode (side with the band). -> Result: Should show 0.6V to 0.7V. 2. Reverse the leads (BLACK to Anode, RED to Cathode). -> Result: Should show "OL" (Open Loop) or infinite resistance. 3. If it shows 0V in both directions, the part is SHORTED. ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Zener diode and a regular rectifier diode?
    • ⤷ How do I calculate the resistor needed to protect a 5.1V Zener diode?
    • ⤷ Can I use an NTE5073A to replace a 1N4733A diode?