Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 507MDCL112KHK

  • AI
    Based on the part number **507MDCL112KHK**, this component is a high-performance **Film Capacitor**, specifically designed for power electronics applications such as DC-Link circuits. --- ### 1. Part Number Breakdown & Specifications The alphanumeric code follows a specific nomenclature common to industrial capacitor manufacturers (like CDE/Illinois Capacitor). | Parameter | Specification | Description | | :--- | :--- | :--- | | **Capacitance** | 1.1 mF (1,100 µF) | High energy storage capacity | | **Voltage (DC)** | 500 VDC | Maximum continuous operating voltage | | **Tolerance** | ±10% (K) | Standard industrial tolerance | | **Dielectric** | Polypropylene (Metallized) | Low loss, high insulation resistance | | **Package/Type** | MDCL | DC-Link modular series | --- ### 2. Technical Characteristics This part belongs to the **DC-Link** family, which differs from standard capacitors in several key ways: * **Self-Healing Properties:** If a dielectric breakdown occurs due to a spike, the metallized layer evaporates around the spot, clearing the fault and allowing the capacitor to continue functioning. * **High Ripple Current:** Designed to handle significant AC currents superimposed on the DC voltage, which is common in inverter outputs. * **Low ESR/ESL:** Features low Equivalent Series Resistance (ESR) and low Equivalent Series Inductance (ESL) to minimize heat generation and voltage ringing. * **Dry Construction:** Unlike electrolytic capacitors, these do not contain liquid electrolytes, leading to a longer service life and no risk of leakage. --- ### 3. Common Applications Due to its 500V rating and high capacitance, the 507MDCL112KHK is typically used in: 1. **Renewable Energy:** Solar inverters and wind power converters to smooth the DC bus voltage. 2. **Electric Vehicles (EV):** Motor drive controllers and on-board chargers. 3. **Industrial Drives:** Variable Frequency Drives (VFDs) and Uninterruptible Power Supplies (UPS). 4. **Power Supplies:** High-power switch-mode power supplies (SMPS). --- ### 4. Comparison: Film vs. Electrolytic | Feature | 507MDCL112KHK (Film) | Aluminum Electrolytic | | :--- | :--- | :--- | | **Lifespan** | Very Long (>100,000 hours) | Limited (2,000 - 10,000 hours) | | **Current Handling** | High Ripple Current | Lower Ripple Current | | **Safety** | Dry/Non-explosive | Risk of leakage/bursting | | **Size** | Larger per µF | Smaller per µF |
    ✨ Follow-up Questions
    • ⤷ What are the mounting or terminal options for the MDCL series?
    • ⤷ How does temperature affect the lifespan of this film capacitor?
    • ⤷ What is the peak pulse current rating for this specific model?