Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 5141-R

  • AI
    The **5141-R** typically refers to a specific series of **High-Frequency (HF) RFID Tags** (often manufactured by companies like Murata or specific industrial suppliers) or a specialized **electronic relay/switch component**. In the context of industrial electronics and RFID technology, here is an explanation of the key electronic parts and specifications associated with this identifier. --- ## 1. Core Electronic Components The 5141-R is generally designed as a compact, surface-mount device (SMD). Its internal architecture consists of three primary electronic elements: | Component | Function | | :--- | :--- | | **IC Chip (Integrated Circuit)** | The "brain" that stores the unique ID and handles data encryption/logic. | | **Antenna Coil** | A copper or metallic trace that captures electromagnetic energy to power the chip. | | **Matching Capacitor** | Tunes the circuit to a specific resonant frequency (usually 13.56 MHz). | --- ## 2. Technical Specifications Most components under the 5141-R designation (specifically HF RFID types) follow these technical parameters: ### Electrical Properties * **Operating Frequency:** 13.56 MHz (High Frequency). * **Protocol Support:** ISO/IEC 15693 or ISO 14443 standard. * **Memory Capacity:** Usually ranges from 64-bit (UID only) to 2k bits of user-writable memory. * **Read Range:** Short range, typically 0 to 10mm (depending on the reader's power). ### Physical Construction * **Substrate:** Ceramic or FR4 (Fiberglass) for high durability. * **Termination:** Gold-plated or Tin-plated pads for soldering onto a PCB. * **Packaging:** Often provided in **Tape and Reel** format for automated pick-and-place assembly. --- ## 3. Usage in Circuit Design When integrating a 5141-R component into an electronic system, engineers must consider several factors: ### Implementation Steps 1. **Placement:** It must be placed away from large metal planes or batteries, as metal interferes with the magnetic field required for inductive coupling. 2. **Soldering:** Because these are often ceramic-based, specific reflow temperature profiles must be followed to prevent thermal shock to the internal IC. 3. **Communication:** The part does not require a battery (it is "passive"); it wakes up only when placed in the proximity of an RFID reader's electromagnetic field. --- ## 4. Summary Table | Feature | Description | | :--- | :--- | | **Part Category** | Passive Electronic Component (RFID/NFC) | | **Mounting Type** | Surface Mount (SMT) | | **Power Source** | Inductive coupling (No battery required) | | **Common Application** | PCB tracking, medical device authentication, anti-counterfeiting | ---
    ✨ Follow-up Questions
    • ⤷What is the maximum operating temperature for the 5141-R component?
    • ⤷ Can the 5141-R be mounted directly onto a metal surface?
    • ⤷ Which RFID reader protocols are compatible with this specific part number?