Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 51A-R/

  • AI
    The **51A-R** typically refers to a high-frequency, surface-mount (SMD) **Schottky Barrier Diode**. These components are widely used in power management and signal processing due to their low forward voltage drop and fast switching capabilities. --- ### 1. Technical Specifications Below are the typical electrical characteristics for a 51A-R diode: | Parameter | Value (Typical) | | :--- | :--- | | **Component Type** | Schottky Barrier Diode | | **Maximum Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 50V - 60V | | **Average Rectified Forward Current ($I_{F(AV)}$)** | 1.0 Ampere | | **Forward Voltage Drop ($V_F$)** | ~0.50V to 0.70V | | **Operating Temperature Range** | -55°C to +150°C | | **Package Type** | SOD-123 or SMA (DO-214AC) | --- ### 2. Key Features The "51A-R" series is designed for efficiency. Its primary advantages include: * **Low Power Loss:** Because the forward voltage drop is significantly lower than standard silicon diodes (which are ~0.7V - 1.1V), it generates less heat. * **High Efficiency:** Ideal for low-voltage, high-frequency inverters. * **Fast Switching:** Schottky diodes have minimal reverse recovery time, making them suitable for high-speed switching applications. * **Guard Ring Construction:** Most "R" suffix variants include a guard ring for transient protection and high reliability. --- ### 3. Common Applications These parts are commonly found in the following electronic circuits: 1. **Freewheeling Diodes:** Used in DC-DC converters to protect switches from inductive voltage spikes. 2. **Polarity Protection:** Placed at the power input of a device to prevent damage if the battery or power supply is connected backward. 3. **Low Voltage Rectification:** Used in AC-to-DC adapters where high efficiency is required. 4. **Clamping Circuits:** Used to limit the voltage level of a signal to prevent it from exceeding the power supply rails. --- ### 4. Typical Marking and Footprint The "R" in the part number often denotes **RoHS Compliance** or **Tape and Reel** packaging for automated assembly. ```text Physical Layout (SOD-123): _______ | [|] | <-- Cathode Band (Negative side) | 51A | <-- Part Marking |_______| ```
    ✨ Follow-up Questions
    • ⤷What is the difference between a Schottky diode and a standard PN junction diode?
    • ⤷ How do I calculate the power dissipation for a 51A-R diode in my circuit?
    • ⤷ Can a 51A-R be used in a high-voltage AC rectification bridge?