Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 51XBG-R

  • AI
    The part number **51XBG-R** typically refers to a high-performance **Surface Mount (SMD) Power Inductor**, commonly used in automotive and industrial electronic circuits. Below is a detailed breakdown of its specifications, construction, and applications. --- ### 1. Technical Specifications The "51XBG" series is often associated with manufacturers like **Bourns** or similar high-reliability magnetic component specialists. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Shielded Power Inductor | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Inductance Range** | Varies (check specific suffix for value) | | **Core Material** | Carbonyl Powder or Ferrite (High Saturation) | | **Shielding** | Magnetic Shielding (Reduces EMI) | | **Operating Temp** | -40°C to +125°C or +150°C | | **Suffix "-R"** | Usually denotes **RoHS Compliant** or **Tape & Reel** packaging | --- ### 2. Key Features The architecture of this part is designed for efficiency in harsh environments: * **Magnetically Shielded:** The part is enclosed in a way that minimizes electromagnetic interference (EMI) with neighboring components on the PCB. * **High Saturation Current:** It can handle high peaks of current without the inductance dropping significantly (Isat). * **Low DC Resistance (DCR):** Designed with flat wire or optimized windings to reduce power loss through heat. * **AEC-Q200 Compliance:** Most parts in this category are automotive grade, meaning they undergo rigorous stress testing for vibration and thermal shock. --- ### 3. Pinout and Construction While inductors are generally non-polarized, the physical construction of the 51XBG-R is critical for assembly: 1. **Terminals:** Usually features solder-plated pads on the bottom for reflow soldering. 2. **Marking:** The top surface usually contains a code (e.g., 100 for 10µH) to identify the inductance value. 3. **Encapsulation:** The core is often molded in a composite powder that provides high mechanical strength. --- ### 4. Common Applications These inductors are found in power management stages of various electronics: * **DC-DC Converters:** Used as the energy storage element in buck, boost, or buck-boost regulators. * **Automotive Systems:** Powering Infotainment units, LED lighting drivers, and Advanced Driver Assistance Systems (ADAS). * **Industrial Power Supplies:** Filtering and noise suppression in high-current motor drives. * **Battery Management Systems (BMS):** Ensuring stable voltage delivery in portable or electric vehicle batteries. ---
    ✨ Follow-up Questions
    • ⤷What is the specific inductance value for the 51XBG-R model?
    • ⤷ How does magnetic shielding in this part improve PCB performance?
    • ⤷ What are the recommended soldering profiles for this SMD component?