Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 520-R

  • AI
    The term **520-R** typically refers to a specific series of **Current Sense Resistors** (often manufactured by companies like Ohmite or specialized power component vendors). These parts are designed to measure current by dropping a small, detectable voltage. --- ### 1. Technical Specifications The 520-R series is generally characterized by its high power rating and low resistance values. Below is a typical breakdown of its electronic characteristics: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Fixed Resistor (Current Sense) | | **Material** | Metal Element / Shunt | | **Power Rating** | 2W to 5W (depending on size) | | **Resistance Range** | 0.005Ω to 0.1Ω (5mR to 100mR) | | **Tolerance** | ±1% to ±5% | | **Mounting Type** | Through-hole (Radial or Axial) | --- ### 2. Key Features These components are engineered for precision and durability in power-heavy environments: * **Low Inductance:** Because they are made from metal elements rather than wire-wound coils, they have minimal inductance, making them suitable for high-frequency switching applications. * **Flameproof Construction:** They are often encased in ceramic or silicone-based materials to prevent fire in the event of an overload. * **Temperature Stability:** They feature a low **TCR** (Temperature Coefficient of Resistance), meaning their resistance value doesn't change significantly as the part heats up. --- ### 3. Common Applications The 520-R series is primarily used in circuits where monitoring current flow is critical: 1. **Power Supplies:** Used in the feedback loop of Switch Mode Power Supplies (SMPS) to regulate output. 2. **Motor Controls:** Detecting over-current conditions to protect the motor from burning out. 3. **Battery Management (BMS):** Measuring the discharge rate of battery cells in portable electronics or EVs. 4. **DC-DC Converters:** Providing voltage drop data to control ICs for load balancing. --- ### 4. Circuit Implementation Example In a standard current sensing application, the 520-R is placed in series with the load. The voltage across it ($V$) is measured to calculate the current ($I$) using Ohm's Law ($I = V/R$). ```c // Pseudo-logic for an MCU reading a 520-R resistor float resistorValue = 0.010; // 10mR float voltageDrop = readADC(); // Voltage measured across the 520-R float current = voltageDrop / resistorValue; if (current > safetyLimit) { shutdownSystem(); } ```
    ✨ Follow-up Questions
    • ⤷What is the difference between axial and radial 520-R resistors?
    • ⤷ How do I calculate the power dissipation for a 520-R resistor?
    • ⤷ Which manufacturers produce the 520-R series?