Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 5410-R

  • AI
    The **5410-R** typically refers to a high-performance **PTP (Precision Time Protocol) Grandmaster Clock** or a synchronized timing server often used in telecommunications and power utility grids. These devices are designed to provide nanosecond-level synchronization. --- ### Core Electronic Subsystems The internal architecture of the 5410-R is divided into several critical hardware layers: | Component Category | Description | Primary Function | | :--- | :--- | :--- | | **GNSS Receiver** | Multi-constellation (GPS, GLONASS, Galileo, BeiDou) receiver. | Acts as the primary Reference Clock source. | | **Internal Oscillator** | High-stability Rubidium or OCXO (Oven Controlled Crystal Oscillator). | Provides "Holdover" stability if the GNSS signal is lost. | | **FPGA / SoC** | High-speed Field Programmable Gate Array. | Handles hardware-based packet timestamping for PTP (IEEE 1588). | | **Management CPU** | Embedded processor (often ARM or x86 based). | Runs the OS, CLI, and network management protocols (SNMP, SSH). | | **Power Supply (PSU)** | Redundant AC or DC modules. | Ensures 24/7 uptime with hot-swappable capabilities. | --- ### Key Technical Specifications The electronics are engineered to meet strict industrial standards for timing and environmental resilience: * **Timing Accuracy:** Typically < ±100ns to UTC when locked to GNSS. * **Holdover Performance:** * *OCXO:* Approx. 1.5μs over 24 hours. * *Rubidium:* Approx. 1.5μs over 14+ days. * **Network Interfaces:** Usually features multiple 1G/10G SFP+ ports for synchronous Ethernet (SyncE) and PTP output. * **I/O Ports:** Includes BNC connectors for 1PPS (Pulse Per Second), 10MHz Out, and ToD (Time of Day) serial data. --- ### Hardware Features for Reliability 1. **Hardware Timestamping:** Unlike software-based NTP, the 5410-R uses dedicated logic in the Ethernet PHY/MAC layer to stamp packets at the physical wire level, eliminating jitter caused by the operating system. 2. **Clock Combiner Logic:** The electronic circuitry can transition seamlessly between different inputs (GNSS, PTP input, or internal oscillator) without causing "phase jumps" in the output signal. 3. **Modular Design:** Most 5410-R units use a modular chassis where the timing cards and power units can be replaced without powering down the entire system.
    ✨ Follow-up Questions
    • ⤷ What is the difference between OCXO and Rubidium oscillators in the 5410-R?
    • ⤷ How does hardware timestamping improve PTP accuracy compared to NTP?
    • ⤷ Can the 5410-R operate as a Boundary Clock as well as a Grandmaster?