Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 545-R3R

  • AI
    The **545-R3R** typically refers to a high-performance **Carbon Composition Resistor** manufactured by companies like Ohmite (specifically the Little Rebel or similar carbon film/composition series). These components are foundational in electronic circuitry for managing current and voltage. --- ### 1. Key Technical Specifications Below are the typical parameters for the 545-R3R resistor series: | Parameter | Specification | | :--- | :--- | | **Component Type** | Fixed Resistor | | **Material** | Carbon Composition / Carbon Film | | **Resistance Value** | 0.33 Ohms (indicated by "R3") | | **Tolerance** | ±5% (standard for "R" suffix series) | | **Power Rating** | 0.5 Watts (1/2W) | | **Termination Style** | Axial Leaded | --- ### 2. Physical Construction The 545-R3R is built to withstand specific environmental and electrical stressors: 1. **Resistive Element:** A solid core of carbon or a carbon film deposited onto a ceramic substrate. 2. **Encapsulation:** Coated in a phenolic or epoxy resin to protect against moisture and oxidation. 3. **Leads:** Tin-plated copper leads for easy soldering on PCBs (Printed Circuit Boards) or point-to-point wiring. --- ### 3. Common Applications Due to its low resistance value (0.33Ω) and power handling (0.5W), this part is commonly used in: * **Current Sensing:** Used to measure current flow by monitoring the voltage drop across the resistor. * **Surge Protection:** Acting as a "fusible" element in low-power circuits to prevent spikes from damaging sensitive ICs. * **Audio Equipment:** Frequently found in vintage and high-fidelity amplifiers due to the "warm" sound characteristics associated with carbon composition materials. * **Pulse Circuits:** Excellent at handling high-energy pulses compared to metal film resistors. --- ### 4. Advantages and Disadvantages | Pros | Cons | | :--- | :--- | | High pulse stability | Higher noise (thermal hiss) | | Low inductance (good for RF) | Larger tolerance drift over time | | Cheap and robust | Sensitive to high humidity | ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between carbon composition and metal film resistors?
    • ⤷ How do I calculate the voltage drop across a 0.33 ohm resistor?
    • ⤷ Are there surface-mount (SMD) equivalents for the 545-R3R?