Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 56398L

  • AI
    The part number **56398L** is most commonly associated with **Littelfuse** (under their Hamlin brand) as a high-performance, compact **Hall Effect Sensor**. These components are widely used in automotive, industrial, and consumer electronics for non-contact position sensing. --- ### 1. Key Technical Specifications The "L" suffix typically denotes a specific lead configuration or a RoHS-compliant version of the 56398 series. | Parameter | Typical Value / Description | | :--- | :--- | | **Type** | Hall Effect Speed/Position Sensor | | **Supply Voltage** | 4.5V to 24V DC | | **Output Type** | Digital (Open Collector) | | **Magnetic Sensitivity** | High Sensitivity (Omnipolar or Latching) | | **Operating Temperature** | -40°C to +150°C | | **Housing Material** | Thermoplastic / Epoxy Encapsulated | --- ### 2. Main Components and Working Principle The 56398L operates based on the **Hall Effect principle**. Here is how the internal electronic parts function: 1. **Hall Element:** A thin strip of semiconductor material. When a magnetic field is applied perpendicular to the current flow, it creates a measurable voltage (the Hall Voltage). 2. **Voltage Regulator:** Internal circuitry that allows the sensor to operate over a wide range of input voltages (e.g., 4.5V to 24V) while protecting the sensitive logic. 3. **Schmitt Trigger:** An internal logic gate that converts the analog signal from the Hall element into a clean "High" or "Low" digital signal, preventing "chatter" or false triggering. 4. **Output Transistor:** Usually an **NPN Open Collector**. When the magnetic field reaches the threshold, the transistor turns on, pulling the signal line to ground. --- ### 3. Common Applications Due to its durability and resistance to environmental factors (dust, water, vibration), the 56398L is used in: * **Automotive:** Wheel speed sensing, seatbelt buckle detection, and gear position. * **Industrial:** Flow meters, tachometers (measuring RPM), and limit switches. * **Consumer:** Door/lid sensors in appliances and security systems. --- ### 4. Implementation Circuit Example To use this part, you generally require a **Pull-up Resistor** because of its open-collector output. ```cpp // Basic Wiring Diagram Logic // [VCC] ---- (4.5V - 24V) // [GND] ---- (0V) // [OUT] ---- [Resistor] ---- [VCC] // | // └-----> To Microcontroller/PLC ```
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the 56398L sensor?
    • ⤷ How do I choose the correct pull-up resistor value for this part?
    • ⤷ What are the main differences between the 56398L and the 56398R?