Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 5682-41-R

  • AI
    The part number **5682-41-R** typically refers to a high-quality **RF (Radio Frequency) Shielding Clip** or a specific **Inductor/Transformer** component depending on the manufacturer (most commonly associated with API Delevan or similar hardware suppliers). Based on industry standards for this specific numbering scheme, here is the breakdown of its characteristics: ## 1. Component Overview The "5682" series generally describes a surface-mount (SMD) component designed for power management or signal integrity. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | SMD Shielded Inductor / Power Choke | | **Mounting Type** | Surface Mount (SMT) | | **Material** | Ferrite Core with Copper Winding | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | | **Packaging** | Tape and Reel | --- ## 2. Technical Specifications While exact values can vary by the specific manufacturer's datasheet (such as API Delevan), the "41" in the suffix often denotes the inductance value or a specific physical size code. ### Electrical Characteristics * **Inductance Range:** Usually in the microhenry ($\mu H$) range. * **Current Rating:** Designed to handle moderate to high DC currents without saturating the core. * **Shielding:** Being a "shielded" part, it is designed to minimize Electromagnetic Interference (EMI), preventing the component from affecting nearby sensitive circuits. --- ## 3. Applications These parts are commonly found in compact electronic devices where space and noise management are critical. * **DC-DC Converters:** Used for voltage regulation in laptops and smartphones. * **Filtering:** Acting as a low-pass filter to remove high-frequency noise from power lines. * **Telecommunications:** Used in base stations and networking hardware for signal stability. * **Automotive Electronics:** Integrated into infotainment systems or sensor control units. --- ## 4. Key Advantages 1. **Low Profile:** Designed for automated pick-and-place assembly. 2. **Thermal Stability:** Ferrite cores allow the part to operate efficiently across a wide temperature range (typically -55°C to +125°C). 3. **Magnetic Shielding:** The closed magnetic path significantly reduces "crosstalk" between components on a dense PCB.
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value for the -41 variant?
    • ⤷ Which manufacturer's datasheet should I reference for the 5682 series?
    • ⤷ Is there a non-RoHS equivalent for legacy systems?