Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 570-059M02LL

  • AI
    Based on the part number provided, **570-059M02LL** appears to be a specific identifier for a high-performance **Micro-D Connector** or related interconnect assembly, likely manufactured by companies like **Glenair**. These components are designed for high-reliability applications such as aerospace, defense, and industrial automation. --- ### 1. Component Overview The 570 series generally refers to specialized interconnect solutions. Below is a breakdown of the typical characteristics for a part with this nomenclature: | Feature | Description | | :--- | :--- | | **Type** | Micro-D (MIL-DTL-83513 type) | | **Shell Material** | Usually Aluminum Alloy or Stainless Steel | | **Plating** | Electroless Nickel or Cadmium (depending on suffix) | | **Contact Density** | High density, typically 0.050" (1.27 mm) spacing | | **Mounting** | Panel mount or PCB mount (depending on specific hardware) | ### 2. Technical Specifications While exact specifications can vary by manufacturer, parts in this category generally adhere to the following electrical and mechanical standards: * **Current Rating:** 3 Amps maximum. * **Dielectric Withstanding Voltage:** 600 VAC at sea level. * **Insulation Resistance:** 5000 Megohms minimum. * **Operating Temperature:** -55°C to +125°C (extended ranges available). * **Contact Resistance:** 8 milliohms maximum. ### 3. Nomenclature Breakdown (Typical) Interpreting the alphanumeric code helps identify specific features: | Code Segment | Likely Meaning | | :--- | :--- | | **570** | Series/Product Family (High-density interconnect) | | **059** | Specific configuration or shell size/insert arrangement | | **M** | Material/Finish (often Electroless Nickel) | | **02** | Hardware option (e.g., Jackscrew type or thread size) | | **LL** | Wire/Lead length or specific "Low Profile" designation | --- ### 4. Common Applications Due to their rugged construction and small footprint, these parts are used in: 1. **Avionics:** Flight control systems and cockpit instrumentation. 2. **Space Systems:** Satellite payloads where weight and space are critical. 3. **Medical Tech:** Portable diagnostic equipment. 4. **Downhole Drilling:** High-vibration environments in the energy sector. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for the 059 configuration in this series?
    • ⤷ Is the 570-059M02LL compliant with MIL-DTL-83513 standards?
    • ⤷ What are the alternative plating options for the 'M' suffix?