Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 581A331L-R100

  • AI
    The part number **581A331L-R100** typically refers to a high-current, surface-mount (SMD) Power Inductor, often used in automotive or industrial power management applications. Below is a detailed breakdown of its specifications and characteristics. --- ### 1. General Specifications Based on standard industry nomenclature for this series, here are the technical parameters: | Parameter | Specification | | :--- | :--- | | **Component Type** | Shielded Power Inductor | | **Inductance** | 0.10 µH (indicated by "R100") | | **Tolerance** | ±20% (standard for this class) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Material Core** | Ferrite or Composite Metal Powder | | **Shielding** | Magnetically Shielded (Low EMI) | --- ### 2. Key Features The "581A" series is designed for high-efficiency power conversion. Its primary advantages include: * **High Current Capability:** Designed to handle high saturation currents ($I_{sat}$) and high heating currents ($I_{rms}$) without significant performance drops. * **Low DCR (DC Resistance):** Minimizes power loss as heat, increasing the overall efficiency of the power supply. * **Low Profile:** The "581" footprint is generally optimized for compact PCB layouts. * **Thermal Stability:** Built to operate in high-temperature environments, often rated up to 125°C or 150°C. --- ### 3. Part Number Decoding The alphanumeric code can be broken down as follows: | Segment | Meaning | | :--- | :--- | | **581A** | Series/Case Size designator (Dimensions of the component). | | **331L** | Internal design code or specific material configuration. | | **R100** | Inductance Value ($R = \text{decimal point}$). $0.100 \mu H$. | --- ### 4. Typical Applications These inductors are commonly found in the following circuits: * **DC-DC Converters:** Used in Buck, Boost, or Buck-Boost topologies. * **Voltage Regulator Modules (VRM):** Specifically for CPUs and GPUs where high current and low inductance are required. * **Automotive Electronics:** Infotainment, ADAS, and LED lighting control. * **Battery Powered Devices:** Where high efficiency is critical for battery life. --- ### 5. Technical Precautions When integrating the **581A331L-R100** into a design, consider: 1. **Saturation Current:** Ensure the peak circuit current does not exceed the rated $I_{sat}$, or the inductance will drop sharply. 2. **Solder Pad Layout:** Use the manufacturer-recommended footprint to ensure proper heat dissipation. 3. **EMI/EMC:** While shielded, the orientation can still affect nearby sensitive components.
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions of the 581A case size?
    • ⤷ How does the R100 inductance value compare to R220 in terms of current handling?
    • ⤷ Who is the primary manufacturer of this specific part number?