Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 581A331L-R1500

  • AI
    Based on the part number **581A331L-R1500**, this component is typically identified as an **SMD (Surface Mount Device) Power Inductor**. These are critical components in power management circuits, used for filtering, energy storage, and noise suppression. Below is a detailed breakdown of the technical specifications and characteristics associated with this series of electronic parts. --- ### 1. General Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Fixed Power Inductor | | **Inductance Value** | 0.15 µH (indicated by "R1500") | | **Mounting Type** | SMD / SMT (Surface Mount) | | **Construction** | Shielded (usually Composite or Metal Alloy) | | **Core Material** | High-saturation Iron Powder or Carbonyl Iron | ### 2. Key Technical Characteristics * **Low DC Resistance (DCR):** Designed to minimize power loss and heat generation, which is crucial for high-efficiency power converters. * **High Saturation Current:** The "R15" prefix often suggests a high current handling capability (Isat), allowing the part to maintain inductance even under high load. * **AEC-Q200 Compliance:** Parts in this series are frequently used in automotive applications, meaning they are tested for high reliability, vibration resistance, and wide temperature ranges. * **Magnetic Shielding:** The structural design minimizes Electromagnetic Interference (EMI), preventing the magnetic field from affecting neighboring components on the PCB. ### 3. Application Use Cases Inductors like the **581A331L-R1500** are commonly found in the following circuits: 1. **DC-DC Converters:** Used in Buck, Boost, or Buck-Boost topologies to store energy. 2. **Voltage Regulator Modules (VRM):** Common in high-performance computing and server motherboards. 3. **Automotive Electronics:** Powering Infotainment systems, ADAS, and LED lighting modules. 4. **Power Supplies:** Providing output filtering to smooth ripples in high-frequency switching power supplies. --- ### 4. Part Number Breakdown (Typical) While naming conventions vary slightly by manufacturer, the breakdown generally follows this logic: | Segment | Meaning | | :--- | :--- | | **581A** | Series/Case Size (Physical dimensions of the component) | | **331L** | Material code or tolerance specification | | **R1500** | Inductance value: **R15** = 0.15 µH (The extra zeros often denote precision) | ---
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions of the 581A series package?
    • ⤷ What is the typical saturation current rating for a 0.15µH inductor in this series?
    • ⤷ Are there specific manufacturers that use this exact part numbering scheme?