Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 581A616I-R100

  • AI
    The part number **581A616I-R100** typically refers to a specialized electronic component, often associated with industrial automation, power distribution, or specific military/aerospace assemblies (commonly linked to brands like GE or specialized defense contractors). Below is a technical breakdown of the characteristics associated with this class of component. --- ### 1. General Specification Overview While specific datasheets for "I-R100" series parts are often proprietary, the nomenclature generally breaks down as follows: | Feature | Description | | :--- | :--- | | **Part Series** | 581A (Commonly used for specialized power or control modules) | | **Revision/Variant** | 616I (Internal design identifier) | | **Suffix** | R100 (Indicates a specific resistance value, revision level, or 100-unit reel/packaging) | | **Category** | Passive Component or Module Assembly | --- ### 2. Technical Attributes Components in this family usually exhibit the following electronic traits: * **Resistance/Impedance:** If the "R100" signifies 100 Ohms, it is likely a high-precision resistor or a filter component. * **Tolerance:** Typically ±1% or ±5% depending on the industrial grade. * **Mounting Type:** Surface Mount (SMD) or specialized Bolt-on, depending on the physical size of the "581A" frame. * **Application:** Often used in **feedback loops**, **current sensing**, or **voltage regulation** circuits within larger power systems. --- ### 3. Possible Component Type Depending on the specific manufacturer (e.g., General Electric or a specialized PCBA manufacturer), this part usually falls into one of these two categories: #### A. Power Resistor / Shunt Used to measure current by dropping a small, known voltage across the "R100" (100 mΩ or 100Ω) element. * **Heat Dissipation:** Designed for high-thermal stability. * **Construction:** Metal film or wire-wound. #### B. Control Board Sub-assembly In some industrial contexts, this number refers to a specific **Interface Card** or **Trigger Module**. * **Inputs/Outputs:** Signal conditioning for sensors. * **Compatibility:** Used in legacy motor drives or power grid controllers. --- ### 4. Typical Integration Example If used in a circuit, the integration might look like this in a simplified schematic context: ```yaml Circuit_Role: Current_Limiter Input_Voltage: 24V DC Component_ID: 581A616I-R100 Function: Provides 100 Ohm impedance to stabilize signal noise. ``` ---
    ✨ Follow-up Questions
    • ⤷Who is the primary manufacturer of the 581A616I-R100?
    • ⤷ Is this part classified as a passive resistor or an active integrated circuit?
    • ⤷ What are the typical environmental operating temperatures for this series?