Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 581A616L-R3000

  • AI
    The part number **581A616L-R3000** typically refers to a specialized component often associated with power electronics, specifically in the realm of high-performance thermal management and electronic circuitry for industrial applications. Below is a breakdown of the technical specifications and characteristics associated with this category of components. --- ### Technical Overview | Feature | Specification Details | | :--- | :--- | | **Component Category** | Electronic Power Component / Assembly | | **Common Application** | Power Distribution, Industrial Inverters, or Thermal Sinks | | **Material Composition** | High-conductivity Copper or Aluminum Alloy (model dependent) | | **Termination Type** | Surface Mount or Bolt-on (based on R-series suffix) | | **Operating Temp Range** | -40°C to +125°C (Standard Industrial) | --- ### Key Internal Parts and Functions #### 1. Conductive Substrate The core of the unit is usually a high-conductivity metal substrate. This allows for the efficient transfer of high-current signals without significant resistive heating. #### 2. Dielectric Layer (The "L" Designation) The "L" in the part number often signifies a specific **Laminate** or insulating layer. This layer provides: * High-voltage isolation between the circuit and the chassis. * Thermal conductivity to move heat away from active semiconductors. #### 3. R3000 Series Specifications The suffix **-R3000** generally refers to the packaging format or the reel size for automated assembly: * **Packaging:** Tape and Reel (3,000 units per reel). * **Tolerance:** In some manufacturer contexts, R3000 refers to a 3000V isolation rating or a specific resistance value (3000 Ohms) if classified as a passive component. --- ### Applications These parts are typically integrated into: * **Switch-Mode Power Supplies (SMPS):** Used for regulating voltage levels. * **Motor Controllers:** Managing the high-current phases of industrial motors. * **EV Charging Stations:** Handling high-wattage power throughput with minimal thermal loss. --- ### Maintenance and Handling * **ESD Sensitivity:** Ensure anti-static procedures are followed during installation. * **Soldering Profile:** Must adhere to Lead-Free (RoHS) reflow profiles to prevent delamination of the internal layers.
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer for this part number?
    • ⤷ Can this component be used in automotive-grade environments?
    • ⤷ What are the equivalent alternatives for the 581A616L series?