Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 581A616L-R5000

  • AI
    The part number **581A616L-R5000** typically refers to a specialized component often associated with the **581 series** of connectors or timing modules, commonly manufactured by companies like **Amphenol** or **IDT (Renesas)**. Given the nomenclature, it most frequently identifies a high-performance **VCO (Voltage Controlled Oscillator)** or a **High-Density Connector** assembly. --- ### 1. Technical Specifications (General Overview) Depending on the specific manufacturer (most commonly associated with frequency control or high-density interconnects), the breakdown of the part number is as follows: | Feature | Specification Details | | :--- | :--- | | **Series** | 581 Series (High-precision/Industrial grade) | | **Mounting Type** | Surface Mount (SMD) or Specific PCB Header | | **Packaging** | R5000 (Typically indicates 5,000 units per Reel) | | **RoHS Status** | Lead-Free / Compliant (indicated by the 'L') | --- ### 2. Key Component Categories If this part is categorized under **Frequency Control (Oscillators)**: * **Function:** It generates a specific clock signal used to synchronize data transfer in digital circuits. * **Low Phase Noise:** Designed to minimize "jitter," ensuring stability in communication interfaces (like Ethernet or PCIe). * **Voltage Range:** Usually operates at 2.5V or 3.3V. If this part is categorized under **Connectors (Amphenol/Interconnect)**: * **Pitch:** Often a fine-pitch header (e.g., 0.5mm or 0.8mm). * **Application:** Used in mobile devices, laptops, or automotive ECU modules for board-to-board connections. --- ### 3. Application Areas These parts are engineered for reliability in high-stress environments: 1. **Telecommunications:** Base stations and switching hardware. 2. **Automotive Electronics:** Navigation systems and ADAS sensor processing. 3. **Industrial Automation:** High-speed data logging and PLC control units. 4. **Consumer Electronics:** High-density circuitry in slim-profile devices. --- ### 4. Handling and Soldering * **Moisture Sensitivity:** Usually rated at MSL 1 or 3; requires dry-pack storage if the seal is broken. * **Reflow Profile:** Compatible with lead-free reflow temperatures (peak ~260°C). * **Orientation:** Look for the "Pin 1" marker on the top left corner of the casing to ensure correct polarity during PCB assembly.
    ✨ Follow-up Questions
    • ⤷ Is this part being used as an oscillator or a connector in your design?
    • ⤷ Do you need the specific pinout diagram for the 581A series?
    • ⤷ What is the operating temperature range for this specific 'L' variant?