Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 5953_

  • AI
    The term **5953** typically refers to a high-reliability military or aerospace grade integrated circuit (IC) or a specific resistor network series, depending on the manufacturer. Below is an explanation focusing on the most common electronic components associated with this number. --- ## 1. M39014/05-5953 (Capacitor) In many electronic inventories, "5953" is a part of the military specification for **Ceramic Multilayer Capacitors (MLCC)**. | Feature | Specification | | :--- | :--- | | **Type** | Military Grade Radial Lead Capacitor | | **Capacitance** | Typically 0.1 µF | | **Voltage Rating** | 50V to 100V DC | | **Tolerance** | ±10% | | **Application** | Decoupling and bypass in high-reliability circuits | ## 2. 54LS5953 / 74LS5953 (Logic ICs) While less common than the standard "595" shift register, the 5953 series refers to specialized logic gates or buffer/line drivers used in legacy digital systems. ### Key Logic Characteristics: * **Technology:** TTL (Transistor-Transistor Logic). * **Function:** Often used as an 8-bit latch or shift register variant. * **Package:** Available in DIP (Dual In-line Package) or SOIC. ## 3. Generic Resistor Networks (5953 Series) Some manufacturers use "5953" to designate specific thin-film resistor networks. These parts integrate multiple resistors into a single package to save space and ensure thermal matching. ### Technical Parameters: | Parameter | Common Value | | :--- | :--- | | **Configuration** | Isolated or Bussed | | **Power Rating** | 0.1W to 0.25W per element | | **Mounting Type** | Surface Mount (SMD) | --- ### Comparison Table: 5953 vs. Standard Components | Component Type | 5953 Variant | Standard Commercial Variant | | :--- | :--- | :--- | | **Capacitor** | High Shock/Vibration Resistance | General Purpose (Consumer) | | **Logic IC** | Military Temp Range (-55°C to 125°C) | Commercial Temp (0°C to 70°C) | | **Reliability** | Tested for MTBF (Mean Time Between Failure) | Lower screening levels | --- ### Implementation Example (Python/Spice Simulation) If you are simulating a circuit containing a 5953-grade capacitor in a filter, your code might look like this: ```python import numpy as np # Define parameters for a 5953-grade capacitor filter C_value = 0.1e-6 # 0.1 uF R_value = 1000 # 1k Ohm def calculate_cutoff(R, C): return 1 / (2 * np.pi * R * C) print(f"The cutoff frequency is: {calculate_cutoff(R_value, C_value):.2f} Hz") ```
    ✨ Follow-up Questions
    • ⤷ Are you looking for the datasheet of a specific manufacturer for the 5953?
    • ⤷ Is this part for a military-spec application or a consumer device?
    • ⤷ Do you need the pinout diagram for a 5953 logic chip?