Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 5A16-R

  • AI
    The **5A16-R** typically refers to a high-density, miniature connector series or a specific surface-mount electronic component (often associated with memory modules or specialized FPC/FFC connectors depending on the manufacturer). Below is a detailed breakdown of the technical characteristics generally associated with this part number in the electronics industry. --- ### 1. Technical Specifications Most components labeled under this series (such as those from Hirose or similar precision manufacturers) follow these electrical and mechanical parameters: | Feature | Specification | | :--- | :--- | | **Current Rating** | Typically 0.5A to 1.0A per pin | | **Voltage Rating** | 50V to 150V AC/DC | | **Contact Resistance** | Max 50 mΩ | | **Insulation Resistance** | Min 500 MΩ | | **Pitch** | 0.5mm or 1.0mm (standard) | | **Operating Temp** | -55°C to +85°C | --- ### 2. Key Physical Components The 5A16-R assembly usually consists of the following materials designed for high-speed signal integrity: * **Housing:** High-temperature thermoplastic (LCP - Liquid Crystal Polymer) to withstand reflow soldering temperatures. * **Contacts:** Copper alloy with selective gold plating to prevent oxidation and ensure low contact resistance. * **Solder Tabs:** Tin-plated brass or copper for mechanical stability on the PCB (Printed Circuit Board). --- ### 3. Application Use Cases These parts are designed for compact electronic environments where space is a premium: 1. **Mobile Devices:** Internal connections for LCD screens, camera modules, and batteries. 2. **Computing:** High-speed data transmission between peripheral boards and the motherboard. 3. **Automotive:** Infotainment systems and sensor data routing. 4. **Industrial:** Miniature PLC (Programmable Logic Controller) modules. --- ### 4. Installation and Handling Because the 5A16-R is a surface-mount device (SMD), specific precautions must be taken during the manufacturing process: * **Coplanarity:** The leads must maintain a high degree of flatness (usually within 0.1mm) to ensure all pins touch the solder paste during reflow. * **Pick and Place:** Usually supplied in **Tape and Reel** (indicated by the "-R" suffix) for automated assembly lines. * **Moisture Sensitivity:** These parts are often rated MSL 1 or 2, meaning they require controlled storage to prevent "popcorning" during soldering. ---
    ✨ Follow-up Questions
    • ⤷What specific manufacturer produces the 5A16-R connector?
    • ⤷ Are there alternative parts with the same footprint?
    • ⤷ What is the recommended solder paste thickness for this component?