Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 5ABC

  • AI
    The term **5ABC** is commonly associated with specific **electronic identification codes**, typically found on Surface Mount Device (SMD) components like transistors, voltage regulators, or integrated circuits. In the electronics industry, because parts are often too small to print a full model number, manufacturers use "marking codes." --- ## 1. Common Identifications for "5ABC" Depending on the manufacturer and the package (SOT-23, SOT-89, etc.), "5A" usually acts as the **Product Code**, while "BC" represents the **Date Code** or **Batch Code**. ### Potential Component Matches | Marking Code | Likely Component | Package Type | Function | | :--- | :--- | :--- | :--- | | **5A** | BC847A | SOT-23 | NPN General Purpose Transistor | | **5A** | AP2121N-1.2V | SOT-23 | Low Dropout (LDO) Regulator | | **5A** | MMBTA42 | SOT-23 | High Voltage NPN Transistor | --- ## 2. Technical Breakdown If we assume the component is a **BC847A (marked 5A)**, here are the technical specifications: ### Electrical Characteristics * **Type:** NPN Bipolar Junction Transistor (BJT). * **Collector-Emitter Voltage ($V_{CEO}$):** 45V. * **Collector Current ($I_C$):** 100mA. * **Power Dissipation ($P_{tot}$):** 250mW. * **DC Current Gain ($h_{FE}$):** 110 to 220 (Low gain grade). ### Pinout Configuration (SOT-23) 1. **Pin 1:** Base 2. **Pin 2:** Emitter 3. **Pin 3:** Collector --- ## 3. How to Read "BC" (Suffix) In the string "5ABC", the letters following the primary code are usually metadata: * **B:** Often represents the Year of manufacture (e.g., 2021). * **C:** Often represents the Month or the specific production lot. --- ## 4. Troubleshooting and Verification If you are looking at a physical board and see "5ABC": 1. **Measure Dimensions:** Check if it is an SOT-23 (3 pins) or an SOT-223 (larger). 2. **Context:** If it is near a power input, it is likely a **Voltage Regulator**. If it is near a signal line, it is likely a **Switching Transistor**. 3. **Schematic Check:** Cross-reference the "Q" (Transistor) or "U" (IC) designation on the PCB silkscreen.
    ✨ Follow-up Questions
    • ⤷ How do I use a multimeter to test if a 5A transistor is still functional?
    • ⤷ What are the common substitutes for a BC847A transistor?
    • ⤷ How can I decode date codes for SMD components from different manufacturers?