Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 5CB-R

  • AI
    ### Overview of the 5CB-R (Micro-Limit Switch) The **5CB-R** typically refers to a specific model of a **Miniature Micro Switch** (often associated with brands like Panasonic or similar industrial electronic component manufacturers). These parts are fundamental in mechanical-to-electrical signal conversion. --- ### Core Specifications Below are the general technical characteristics found in the 5CB-R series: | Feature | Description | | :--- | :--- | | **Component Type** | Snap-action Micro Switch | | **Contact Form** | SPDT (Single Pole Double Throw) | | **Actuator Type** | Pin Plunger (Standard) or Lever options | | **Current Rating** | Typically 5A to 10A at 250V AC | | **Terminal Type** | Solder or Quick Connect terminals | | **Operating Force** | Light to Medium (approx. 0.5N to 1.5N) | --- ### Internal Electronic Components A micro switch like the 5CB-R is composed of several precision-engineered parts: 1. **Plunger (Actuator):** The external part that receives physical pressure. 2. **Snap-Action Spring:** A high-grade copper or steel alloy leaf spring that ensures the contacts flip instantly to prevent electrical arcing. 3. **Contacts:** Usually made of **Silver Alloy** to ensure high conductivity and resistance to oxidation. 4. **Terminal Pins:** * **COM (Common):** The input terminal. * **NO (Normally Open):** The circuit is completed only when the switch is pressed. * **NC (Normally Closed):** The circuit is broken when the switch is pressed. --- ### Operating Principle The 5CB-R utilizes a **"Snap-Action"** mechanism. This means that regardless of how slowly the external plunger is pushed, the internal contacts move at a constant, high speed once the trip point is reached. This is critical for: * Reducing electrical noise. * Preventing "pitting" or damage to the contacts from slow-moving arcs. * Ensuring high reliability over millions of cycles. ### Common Applications * **Safety Interlocks:** Detecting if a door or panel is closed (e.g., microwaves, 3D printers). * **Limit Sensing:** Stopping a motor when a mechanical arm reaches its end-point. * **User Input:** High-durability buttons in industrial control panels. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the 5CB-R and the 5CB-L models?
    • ⤷ How do you wire a 5CB-R switch for a 'normally closed' operation?
    • ⤷ What is the maximum mechanical life expectancy of these switches?