Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 5HF100-R

  • AI
    The **5HF100-R** is a specific type of electronic component—specifically a **miniature ceramic fuse**—commonly used in consumer electronics, power supplies, and industrial equipment to protect circuits against overcurrent conditions. --- ## 1. Technical Specifications The part number "5HF100-R" follows a standardized nomenclature used by manufacturers like **Bel Fuse Inc.** Here are the primary technical parameters: | Parameter | Specification | | :--- | :--- | | **Component Type** | Miniature Cartridge Fuse | | **Current Rating** | 100mA (0.1A) | | **Voltage Rating** | 250V AC | | **Response Characteristic** | Fast-Acting (Quick Acting) | | **Body Material** | Ceramic | | **Dimensions** | 5mm x 20mm | | **Interrupting Rating** | 1500A @ 250V AC | | **RoHS Compliant** | Yes (indicated by the "-R" suffix) | --- ## 2. Key Components and Construction The electronic parts of the 5HF100-R consist of three main physical layers: ### A. The Ceramic Tube Unlike glass fuses, the **ceramic body** allows for a higher "interrupting rating." This means the fuse can safely handle higher fault currents without the body shattering or exploding. ### B. The Internal Element The "fuse link" inside is a thin wire designed to melt when the current exceeds 100mA for a specific duration. In **Fast-Acting** fuses like the 5HF series, this element reacts almost instantly to surges, protecting sensitive semiconductors. ### C. End Caps The two silver-plated or nickel-plated brass caps provide the electrical contact points. In the "R" (RoHS) version, these are lead-free. --- ## 3. Applications Because of its low current rating (100mA) and fast-acting nature, it is typically found in: * **Power Supplies:** Protecting the input stage of low-wattage devices. * **Test Equipment:** Multimeters and oscilloscopes. * **Control Circuits:** Protecting PLCs or delicate sensors from short circuits. --- ## 4. Comparison: Ceramic vs. Glass (5HF vs. 5SF) | Feature | 5HF (Ceramic) | 5SF (Glass) | | :--- | :--- | :--- | | **Breaking Capacity** | High (1500A) | Low (35A - 100A) | | **Visibility** | Opaque (cannot see wire) | Transparent (visible wire) | | **Safety** | Better for high-energy faults | General purpose |
    ✨ Follow-up Questions
    • ⤷ What is the difference between a fast-acting and a slow-blow fuse in terms of circuit protection?
    • ⤷ How do I test a 5HF100-R fuse using a digital multimeter?
    • ⤷ Can I replace a 5HF100-R with a glass fuse of the same 100mA rating?