Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 5HFP1.6-R

  • AI
    The **5HFP 1.6-R** is a specific type of electronic component categorized as a **High-Breaking Capacity Fuse**. It belongs to the 5HFP series manufactured by companies like Bel Fuse. These fuses are designed for high-performance protection in circuits where high fault currents are expected. --- ### 1. Key Technical Specifications The part number follows a specific nomenclature that defines its electronic characteristics. | Feature | Specification | Description | | :--- | :--- | :--- | | **Current Rating** | 1.6A | The maximum continuous current the fuse can carry without blowing. | | **Voltage Rating** | 250V AC | Rated for AC power supply circuits up to 250 Volts. | | **Fuse Speed** | Quick-Acting (F) | Designed to open very quickly under overload or short-circuit conditions. | | **Interrupting Rating** | 1500A @ 250V AC | The maximum fault current the fuse can safely interrupt without exploding. | | **Body Material** | Ceramic | Uses a ceramic tube for high heat resistance and arc suppression. | | **Mounting Type** | Through-Hole (Pigtail) | The "-R" suffix usually indicates axial leads (pigtails) for PCB soldering. | --- ### 2. Component Structure and Materials The 5HFP 1.6-R is engineered for durability and reliability in industrial and consumer electronics: * **Ceramic Body:** Unlike glass fuses, the ceramic body allows the fuse to handle much higher internal pressures and temperatures, contributing to its "High-Breaking Capacity." * **Sand Filling:** The interior is often filled with high-purity silica sand to quench the arc formed when the fuse element melts. * **Axial Leads:** The pigtails allow for direct soldering onto a Printed Circuit Board (PCB), eliminating the need for a separate fuse holder. --- ### 3. Standards and Compliance This component is built to meet international safety standards to ensure it fails safely during a fault. * **RoHS 6 Compliant:** Lead-free and environmentally friendly. * **Halogen Free:** Lowers the risk of toxic fumes in the event of a fire. * **Safety Approvals:** Typically UL listed (Standard 248-14) and CSA certified. --- ### 4. Typical Applications Because of its high-breaking capacity and quick-acting nature, it is used in: 1. **Power Supplies:** Protecting input stages from catastrophic failure. 2. **Industrial Controllers:** Safeguarding sensitive PLCs and motor controllers. 3. **Monitors and Displays:** Protecting internal circuitry from power surges. 4. **Telecom Equipment:** Ensuring high reliability in networking hardware.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ceramic fuse like the 5HFP and a standard glass fuse?
    • ⤷ How does the 'Quick-Acting' characteristic differ from a 'Time-Delay' fuse?
    • ⤷ Can I replace a 5HFP 1.6-R with a surface-mount (SMD) equivalent?