Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 5HFP250-R

  • AI
    The **5HFP 250-R** is a specific type of electronic component, primarily classified as a **High-Breaking Capacity Miniature Fuse**. It belongs to a series of fast-acting ceramic tube fuses commonly used in industrial and consumer electronics for overcurrent protection. --- ## 1. Technical Specifications Below are the primary electrical and physical characteristics of the 5HFP 250-R: | Feature | Specification | | :--- | :--- | | **Part Number** | 5HFP 250-R | | **Current Rating** | 250 mA (0.25A) | | **Voltage Rating** | 250V AC | | **Fuse Type** | Quick-Acting / Fast-Blow (F) | | **Material** | Ceramic Tube (High breaking capacity) | | **Dimensions** | 5mm x 20mm (Standard Miniature size) | | **Breaking Capacity** | 1500A @ 250V AC | | **Termination Style** | Cartridge (Ferrule) | | **RoHS Compliant** | Yes (Indicated by the "-R" suffix) | --- ## 2. Key Component Features ### A. Ceramic Body Construction Unlike glass fuses, the 5HFP series uses a ceramic body. This allows the fuse to handle much higher **interrupting ratings** (breaking capacity). In the event of a short circuit, the ceramic prevents the fuse from shattering under high internal pressure. ### B. Fast-Acting (Quick-Blow) The "F" characteristic means the fuse is designed to open almost instantly when the current exceeds its rated limit. This is critical for protecting sensitive semiconductor devices that cannot withstand even brief surges. ### C. The "-R" Suffix In the electronics industry, the **-R** suffix typically denotes **RoHS (Restriction of Hazardous Substances) Compliance**, meaning the part is lead-free and manufactured without specific hazardous materials. --- ## 3. Applications and Usage The 5HFP 250-R is typically found in the following environments: * **Power Supplies:** Protecting the input stage of AC/DC converters. * **Test Equipment:** Safeguarding internal circuitry in multimeters and oscilloscopes. * **Industrial Controls:** Used in PLC (Programmable Logic Controller) modules where a 250mA limit is required. * **Consumer Electronics:** Providing secondary protection in audio/video equipment. --- ## 4. Part Number Breakdown * **5HFP**: The Series name (5mm Ceramic, Fast-acting, High breaking). * **250**: The current rating (in this case, 250 milliamperes). * **-R**: RoHS Compliant version.
    ✨ Follow-up Questions
    • ⤷ What is the difference between this ceramic fuse and a standard glass fuse of the same rating?
    • ⤷ Can I substitute a 'Slow-Blow' fuse for the 5HFP 250-R in a circuit?
    • ⤷ What are the specific safety certifications (like UL or VDE) associated with this fuse?