Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 5HFP500-R

  • AI
    # Technical Overview of the 5HFP 500-R The **5HFP 500-R** is a specific type of electronic component classified as a **Fast-Acting Fuse**. It is part of the 5HFP series manufactured by companies like **Bel Fuse Inc.** This fuse is designed to protect electronic circuits from overcurrent conditions that could lead to component failure or fire. --- ## 1. Component Classification | Attribute | Specification | | :--- | :--- | | **Component Type** | Cartridge Fuse | | **Fuse Speed** | Fast-Acting (F) / Quick-Acting | | **Physical Size** | 5mm x 20mm (Standard Miniature) | | **Mounting Type** | Holder / Clip (Leadless) | | **Material** | Glass Body with Nickel Plated Brass Caps | --- ## 2. Electrical Specifications The nomenclature "500-R" defines the primary electrical characteristics of the device. * **Current Rating (In):** 500mA (0.5 Amps). This is the maximum continuous current the fuse can carry without opening. * **Voltage Rating:** Typically rated up to **250V AC**. * **Interrupting Rating (Breaking Capacity):** Usually 35A at 250V AC or 10,000A at 125V AC (depending on specific UL/CSA safety standards). * **Nominal Cold Resistance:** High precision resistance to ensure minimal voltage drop during normal operation. * **RoHS Compliant:** The "-R" suffix indicates that the part is Lead-Free and complies with RoHS (Restriction of Hazardous Substances) directives. --- ## 3. Key Functional Features ### Fast-Acting Capability Unlike "Slow-Blow" fuses (Time-Delay), the 5HFP 500-R is designed to open almost instantly when an overcurrent is detected. This is critical for protecting sensitive semiconductor devices (like ICs and transistors) that cannot withstand even brief surges. ### Glass Body Construction The transparent glass body allows for **visual inspection**. A technician can easily see if the internal filament has melted, indicating a blown fuse without needing a multimeter for initial troubleshooting. --- ## 4. Common Applications Due to its small form factor and 500mA rating, this part is commonly found in: * **Consumer Electronics:** Power supplies for small appliances, chargers, and LED drivers. * **Test Equipment:** Multimeters and oscilloscopes. * **Industrial Controls:** Low-power control circuits and PLC protection. --- ## 5. Equivalent/Related Parts If the 5HFP 500-R is unavailable, it is often cross-referenced with: * **Littelfuse:** 217 series (217.500P) * **Bussmann:** GMA series (GMA-500-R)
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 5HFP 500-R and a slow-blow fuse of the same rating?
    • ⤷ How do I test if a 5HFP 500-R fuse is blown using a multimeter?
    • ⤷ Can I use a 125V rated fuse as a replacement for this 250V fuse?