Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 5HFP800-R

  • AI
    The **5HFP800-R** is a specific model of a **Miniature High-Frequency Fuse**, typically manufactured by Bel Fuse Inc. It is designed for primary circuit protection in electronic devices where space is limited and high voltage ratings are required. --- ## 1. Technical Specifications The following table summarizes the core electronic characteristics of the 5HFP800-R: | Parameter | Specification | | :--- | :--- | | **Current Rating** | 800 mA | | **Voltage Rating** | 250V AC | | **Fuse Type** | Fast-Acting (Quick-Acting) | | **Body Material** | Glass Tube with Nickel-Plated Brass End Caps | | **Form Factor** | 5mm x 20mm (Standard Miniature) | | **Interrupting Rating** | 1500A @ 250V AC | | **Mounting Type** | Holder / Clip / Lead-wire | | **Compliance** | RoHS 6 Compliant, UL/CSA Listed | --- ## 2. Key Features and Behavior ### Fast-Acting Characteristic The "F" in the part number signifies **Fast-Acting**. Unlike "Slow-Blow" (Time-Lag) fuses, this component is designed to open almost instantly when the current exceeds its 800mA threshold. This protects sensitive semiconductor components (like ICs or transistors) from sudden surges. ### High Breaking Capacity The "H" in the prefix usually refers to **High Interrupting Capacity**. This means the fuse can safely quench an internal arc even if a high-energy short circuit (up to 1500 Amps) occurs at 250V, preventing the glass tube from shattering. ### Physical Construction * **Dimensions:** The 5x20mm size is the most common global standard for small electronic appliances. * **Termination:** The "-R" suffix indicates that the product is **RoHS compliant** (lead-free). --- ## 3. Common Applications The 5HFP800-R is generally used in the input stage of power supplies to prevent catastrophic failure: 1. **Power Supplies:** Protecting AC/DC adapters and switched-mode power supplies (SMPS). 2. **Consumer Electronics:** Found in televisions, audio equipment, and printers. 3. **Industrial Equipment:** Used in PLC inputs and control circuits. 4. **Lighting:** Electronic ballasts and LED drivers. --- ## 4. Replacement Precautions When replacing this fuse, ensure the following: * **Do not substitute with Slow-Blow:** Replacing this with a "T" (Time-Lag) fuse could allow a surge to destroy downstream components before the fuse blows. * **Voltage Rating:** You can use a fuse with a *higher* voltage rating (e.g., 300V), but never a *lower* one (e.g., 125V) if the circuit is 250V.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 5HFP and 5ET series fuses?
    • ⤷ How do I interpret the markings on a 5x20mm glass fuse?
    • ⤷ Can I use an 800mA fuse in a circuit that normally draws 750mA?