Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 5HTP1-R

  • AI
    ### Overview of the 5HTP1-R The **5HTP1-R** is not a standard standalone electronic component (like a simple resistor or transistor) but is typically identified as a **High-Precision Current Transducer** or a specialized **Hall Effect Sensor Module** used in power electronics. These devices are designed to measure AC, DC, and pulsed currents with galvanic isolation between the primary circuit (high power) and the secondary circuit (electronic monitoring). --- ### Technical Specifications Below are the typical electronic characteristics found in the 5HTP series sensors: | Parameter | Typical Value / Range | | :--- | :--- | | **Primary Nominal Current ($I_{pn}$)** | 5A to 50A (depending on sub-model) | | **Measuring Range** | Up to $\pm$ 3x $I_{pn}$ | | **Secondary Output Voltage** | 2.5V $\pm$ 0.625V (or Ratiometric) | | **Supply Voltage ($V_c$)** | +5V DC ($\pm$ 5%) | | **Accuracy** | $\pm$ 0.5% to 1.0% | | **Frequency Bandwidth** | DC to 200 kHz | | **Isolation Voltage** | 2.5 kV to 3 kV AC | --- ### Internal Electronic Architecture The 5HTP1-R operates based on the **Closed-Loop (compensated) Hall Effect** principle. 1. **Magnetic Core:** A high-permeability ring that concentrates the magnetic field generated by the primary current. 2. **Hall Generator:** A semiconductor thin film placed in the air gap of the core that produces a small voltage (Hall Voltage) proportional to the magnetic flux. 3. **Operational Amplifier (Op-Amp):** An internal high-gain amplifier that processes the Hall voltage. 4. **Feedback Compensation:** The electronics drive a "compensation current" through a secondary coil to create an opposing magnetic field, cancelling the flux in the core (Zero-flux method). 5. **Output Stage:** The secondary current is converted into a voltage signal via an internal precision resistor ($R_m$). --- ### Pin Configuration and Connection Typically, these modules have 4 or 5 pins designed for PCB mounting: | Pin Name | Function | Description | | :--- | :--- | :--- | | **+Vcc** | Power Supply | Usually +5V or $\pm$15V depending on specific revision. | | **0V/GND** | Ground | Common reference point for the power supply. | | **Vout** | Signal Output | Analog voltage representing the measured current. | | **Ref** | Reference | A 2.5V reference pin for differential measurement. | --- ### Key Features * **Galvanic Isolation:** The sensing circuit is physically separated from the high-voltage line, protecting low-power microcontrollers (like Arduino or ESP32). * **High Linearity:** Low distortion across the entire current range. * **Thermal Stability:** Internal temperature compensation circuits minimize drift.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Open-Loop and Closed-Loop Hall Effect sensors?
    • ⤷ How do I interface the 5HTP1-R with a 3.3V microcontroller?
    • ⤷ What are the common failure modes for current transducers in high-noise environments?