Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 5HTP4-R

  • AI
    The **5HTP4-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are essential in power management circuits for filtering and energy storage. --- ### 1. Component Overview The "5HTP4" series is generally manufactured by companies like **Bourns** or similar magnetic component specialists. The suffix **-R** usually denotes compliance with **RoHS** (Restriction of Hazardous Substances) standards. ### 2. Technical Specifications While exact parameters can vary slightly by manufacturer, the 5HTP4-R series generally follows these specifications: | Feature | Description | | :--- | :--- | | **Component Type** | Power Inductor (Shielded or Unshielded) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Inductance Range** | Typically 1.0 µH to 1000 µH | | **Current Rating** | High saturation current capability | | **Core Material** | Ferrite core for high-frequency efficiency | | **Compliance** | RoHS compliant / Lead-free | --- ### 3. Key Electronic Functions Electronic parts like the 5HTP4-R serve three primary roles in a circuit: 1. **Energy Storage:** In DC-DC converters (Buck or Boost), the inductor stores energy in its magnetic field during the "on" cycle and releases it during the "off" cycle. 2. **Noise Filtering:** It acts as a low-pass filter, blocking high-frequency AC noise while allowing DC current to pass through, ensuring a clean power supply to sensitive ICs. 3. **Current Smoothing:** It resists sudden changes in current, preventing spikes that could damage other electronic components. ### 4. Common Applications * **Voltage Regulator Modules (VRMs):** Found on motherboards and GPU cards. * **Consumer Electronics:** Power supplies for smartphones, tablets, and laptops. * **LED Drivers:** Maintaining constant current for LED lighting systems. * **Automotive Electronics:** Infotainment systems and sensor power management. --- ### 5. Identification and Marking * **Marking:** The top of the component usually features a code (e.g., "100" for 10µH or "4R7" for 4.7µH). * **Footprint:** The "5" in the name often refers to the physical dimensions (e.g., approximately 5mm x 5mm).
    ✨ Follow-up Questions
    • ⤷ What are the specific dimensions and footprint of the 5HTP4-R series?
    • ⤷ How does a shielded inductor like the 5HTP4-R compare to an unshielded version in EMI performance?
    • ⤷ Which manufacturers currently produce the 5HTP4-R or its direct equivalents?