Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 5HTP5-R

  • AI
    The **5HTP5-R** refers to a specific series of high-power, through-hole resistors, typically categorized as **Wirewound Ceramic Cement Resistors**. These are designed to handle high heat dissipation in power supply circuits and motor controllers. --- ## 1. Technical Specifications Below is a breakdown of the typical electronic characteristics of a 5HTP5-R component: | Feature | Specification | | :--- | :--- | | **Power Rating** | 5 Watts | | **Tolerance** | ±5% (indicated by the 'J' suffix if applicable) | | **Core Material** | Fiber Glass or Ceramic | | **Outer Casing** | Flameproof Inorganic Silica (Cement) | | **Mounting Type** | Through-hole (Radial or Axial) | | **Operating Temperature** | -55°C to +155°C | --- ## 2. Construction and Design The "5HTP" designation usually points to the specific physical form factor and wattage rating. ### Key Components: 1. **Resistive Element:** A high-grade alloy wire (Ni-Cr or Fe-Cr) wound around a non-alkaline ceramic core. 2. **Cement Encapsulation:** The internal element is sealed inside a rectangular ceramic case using a special cement filler. This provides: * Excellent heat conduction. * High insulation resistance. * Protection against moisture and vibration. 3. **Leads:** Tin-plated copper leads for reliable soldering. --- ## 3. Applications These resistors are not used for signal processing, but rather for power management. * **Current Sensing:** Used to monitor current flow in power supplies. * **Voltage Dropping:** Safely lowering voltage for specific sub-circuits. * **Bleeder Resistors:** Discharging high-voltage capacitors after power is turned off. * **Motor Starters:** Limiting inrush current to protect sensitive electronics. --- ## 4. Usage Considerations When designing a circuit with a 5HTP5-R, keep the following in mind: ```markdown * Thermal Management: Since this is a 5W resistor, it can get very hot. Ensure there is at least 10mm of clearance from heat-sensitive components (like electrolytic capacitors). * Derating: If the ambient temperature exceeds 70°C, the power rating must be derated according to the manufacturer's curve. * Lead Forming: Avoid bending the leads too close to the ceramic body to prevent cracking the cement seal. ```
    ✨ Follow-up Questions
    • ⤷ What is the specific resistance value (Ohms) marked on your 5HTP5-R component?
    • ⤷ How does a cement resistor differ from a standard carbon film resistor in terms of failure modes?
    • ⤷ What are the spacing requirements for mounting 5W resistors on a PCB to avoid heat damage?