Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 5HTP8-R

  • AI
    The **5HTP8-R** is a specific model of a **Miniature Cartridge Fuse**, typically manufactured by companies like **Bel Fuse Inc.** This part is widely used in electronic circuits to provide overcurrent protection. --- ## Technical Specifications The following table summarizes the key electrical and physical characteristics of the 5HTP8-R: | Feature | Specification | | :--- | :--- | | **Type** | Time-Lag (Slow Blow) | | **Current Rating** | 8 Amperes (8A) | | **Voltage Rating (AC)** | 250V AC | | **Material** | Glass Body with Brass Caps | | **Physical Size** | 5mm x 20mm | | **Termination Style** | Axial Leaded (R suffix often denotes pigtail leads) | | **Interrupting Rating** | 1500A @ 250V AC | --- ## Detailed Breakdown of the Part Number Understanding the nomenclature helps in identifying the component's behavior: 1. **5HTP**: * **5**: Refers to the physical diameter (5mm). * **H**: High Breaking Capacity (usually involving a ceramic tube or specific sand-filling, though many in this series use glass). * **T**: Time-delay (Slow Blow) characteristic. This means it can withstand brief surges (like motor startups) without blowing immediately. * **P**: Indicates Lead-Free/RoHS compliance. 2. **8**: Represents the amperage rating (8 Amps). 3. **-R**: Indicates the component is **RoHS Compliant**. In some contexts, it also refers to the packaging or the "Axial Lead" (pigtail) configuration, allowing it to be soldered directly onto a PCB rather than placed in a fuse holder. --- ## Applications and Usage The 5HTP8-R is designed for circuits where high inrush currents are expected. * **Power Supplies:** Protecting the primary side of AC/DC adapters. * **Consumer Electronics:** Used in televisions, chargers, and audio equipment. * **Industrial Controls:** Protecting small motors or actuators that require a "Time-Lag" to start up. * **PCB Protection:** Because of its axial leads, it is ideal for permanent installation on printed circuit boards where space is limited. --- ## Safety and Standards This component is typically certified by international safety agencies to ensure reliable operation: * **UL/CSA:** North American safety standards. * **VDE/Semko:** European safety standards. * **PSE:** Japanese safety compliance.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a 'Fast-Acting' fuse and the 'Time-Lag' 5HTP8-R?
    • ⤷ Can a 5HTP8-R be replaced with a standard 5x20mm glass fuse without leads?
    • ⤷ What are the soldering temperature precautions for axial leaded fuses?