Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 5JAN-R

  • AI
    The term **5JAN-R** refers to a specific military-grade nomenclature for electronic components, most commonly associated with high-reliability **resistors** or **semiconductors** qualified under the United States military standard system. ### 1. Breakdown of the Nomenclature When you see a part number beginning with or containing "JAN," it signifies compliance with the **Joint Army-Navy** qualification system. | Segment | Meaning | Description | | :--- | :--- | :--- | | **5** | Power/Size Rating | Often indicates a specific wattage (e.g., 5 Watts) or a specific case size in a series. | | **JAN** | Joint Army-Navy | Indicates the part has been manufactured and tested to MIL-SPEC standards. | | **R** | Reliability/Type | In resistor coding, 'R' often stands for Fixed Film or a specific reliability level (Failure Rate). | --- ### 2. Key Characteristics of JAN-Qualified Parts Parts labeled under this system are significantly different from commercial-grade electronics. * **Stringent Testing:** These components undergo "Burn-in" tests to ensure they do not fail prematurely (infant mortality). * **Traceability:** Every batch is documented with a Certificate of Compliance (CoC), tracing the materials back to the original melt or lot. * **Environmental Resistance:** Designed to operate in extreme temperatures (typically -55°C to +125°C or higher) and resist high vibration and humidity. * **Longevity:** These parts are manufactured to remain stable over decades of use in defense systems, aerospace, or maritime applications. --- ### 3. Common Component: The RWR81 Series A very common "5-watt" JAN resistor is the **RWR81** series (MIL-PRF-39007). In this context, a part might be marked: `JAN RWR81S [Resistance] [Tolerance] [Reliability]`. #### Technical Specifications Example | Property | Specification | | :--- | :--- | | **Body Material** | Ceramic or Silicone coated | | **Core** | Beryllium Oxide or Alumina | | **Reliability Levels** | M (1.0%), P (0.1%), R (0.01%), S (0.001%) | | **Typical Application** | Power supplies, load sensing, and military communication arrays. | --- ### 4. Why Use "JAN" Parts Instead of Standard Parts? In critical systems, the cost of failure is much higher than the cost of the component. 1. **Predictable Failure Rates:** Engineers can calculate exactly how long a system will last. 2. **Radiation Hardening:** Many JAN-qualified semiconductors are tested for performance in high-radiation environments (space). 3. **No Substitutions:** While a commercial part might change materials to save cost, a JAN part specification is "frozen" and cannot be changed without government re-qualification. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between JAN
    • ⤷ JANTX
    • ⤷ and JANTXV reliability levels?
    • ⤷ How do I decode the color bands on a military-grade resistor?
    • ⤷ Which MIL-SPEC standard governs these types of power resistors?