Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 5M7K5N-R

  • AI
    The part number **5M7K5N-R** refers to a specific type of **Current Sensing Resistor** (Shunt Resistor) manufactured by **Cyntec**. These components are critical in power management circuits for monitoring current flow by measuring the voltage drop across the resistor. --- ### 1. Key Technical Specifications Based on the standard nomenclature for the Cyntec series, here are the primary technical attributes: | Feature | Specification Details | | :--- | :--- | | **Manufacturer** | Cyntec | | **Component Type** | Metal Foil Current Sensing Resistor | | **Resistance Value** | Usually indicated by the "7K5" (often 7.5 mΩ or variation depending on series) | | **Power Rating** | High Power (Typically 1W to 5W depending on package size) | | **Tolerance** | Generally ±1% or ±0.5% | | **Temperature Coefficient (TCR)** | Low TCR (typically < 50 ppm/°C) to ensure stability | | **Mounting Type** | Surface Mount (SMD) | --- ### 2. Physical Construction The **-R** suffix typically denotes compliance with **RoHS** standards and indicates that the part is supplied on a **Reel** for automated pick-and-place assembly. * **Material:** Metal alloy plate (Manganin or similar) for high stability. * **Structure:** Robust metal construction allows for high pulse handling and heat dissipation. * **Form Factor:** Compact footprint designed for high-density PCB layouts. --- ### 3. Common Applications These resistors are used in circuits where precise current measurement is necessary for safety or performance: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Li-ion batteries. 2. **DC-DC Converters:** Providing feedback loops for voltage regulation. 3. **Motor Control:** Detecting over-current conditions in industrial or automotive motors. 4. **Power Supplies:** Load sensing in server or telecommunication power units. --- ### 4. Circuit Implementation Example In a typical application, the resistor is placed in series with the load. The voltage ($V$) measured across it relates to the current ($I$) via Ohm’s Law: ```text I = V / R ``` *Because the Resistance (R) is extremely low (milli-ohms), it minimizes power loss ($P = I^2 \times R$) while providing an accurate signal to a Current Sense Amplifier.*
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value of the 5M7K5N-R in milli-ohms?
    • ⤷ Can this resistor be used in AEC-Q200 automotive applications?
    • ⤷ What are the recommended landing patterns for soldering this specific SMD package?