Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 5MF250-R

  • AI
    The **5MF250-R** is a specific type of electronic protection component, primarily categorized as a **miniature cartridge fuse**. It is designed to protect electrical circuits from overcurrent conditions (short circuits or surges). --- ## 1. Technical Specifications The following table outlines the core electrical and physical properties of the 5MF250-R: | Property | Specification | | :--- | :--- | | **Manufacturer** | Bel Fuse Inc. | | **Fuse Type** | Glass Body / Miniature Cartridge | | **Current Rating** | 250 mA (0.25 Amps) | | **Voltage Rating** | 250V AC | | **Response Characteristic** | Fast Acting (F) | | **Physical Dimensions** | 5mm x 20mm | | **Termination Style** | Cartridge (Ferrule) | | **RoHS Compliant** | Yes (indicated by the "-R" suffix) | --- ## 2. Component Composition The 5MF250-R is constructed using three primary materials: 1. **Glass Tube:** The main body is transparent, allowing for visual inspection to see if the internal filament has melted (blown). 2. **Conductive End Caps:** Nickel-plated brass caps provide the electrical connection points at both ends. 3. **Melting Element:** A precision-calibrated wire or metallic strip that melts when the current exceeds 250mA for a specific duration. --- ## 3. Operational Characteristics ### Fast-Acting Performance Unlike "Slow-Blow" (Time-Delay) fuses, the **5MF** series is "Fast-Acting." This means it reacts very quickly to current spikes. * **Application:** Ideal for sensitive electronic equipment where even a brief surge could destroy delicate semiconductors or ICs. * **Protection Type:** Provides excellent protection against short circuits. ### The "-R" Suffix The "R" at the end of the part number signifies that the part is **Lead-Free** and complies with **RoHS** (Restriction of Hazardous Substances) directives. This is critical for modern environmental standards in manufacturing. --- ## 4. Common Applications Due to its low current rating (250mA) and fast response time, the 5MF250-R is typically found in: * Power supplies for small electronics. * Laboratory testing equipment. * Consumer electronics (DVD players, older gaming consoles). * Control circuits in industrial machinery.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 5MF series and the 5MT series?
    • ⤷ Can I replace a 250mA fuse with a higher current rating in an emergency?
    • ⤷ How do I test if a 5MF250-R fuse is blown using a multimeter?