Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 5MF6-R

  • AI
    The **5MF6-R** is a specific type of electronic component used for circuit protection. It is a **Miniature Glass Tube Fuse** known for its "Fast-Acting" (F) characteristics. --- ## 1. Technical Specifications Below are the primary technical parameters for the 5MF6-R fuse: | Parameter | Specification | | :--- | :--- | | **Current Rating** | 6 Amperes (6A) | | **Voltage Rating (AC)** | 250 Volts AC | | **Fuse Type** | Fast-Acting / Quick-Blow | | **Body Material** | Glass Tube | | **Size / Dimension** | 5mm x 20mm | | **Termination Style** | Cartridge (Ferrule) | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ## 2. Key Features and Meaning of the Part Number The part number follows a specific nomenclature used by manufacturers like **Bel Fuse**: * **5MF**: Refers to the series (5x20mm, Fast-Acting glass fuse). * **6**: Indicates the current capacity (6 Amps). * **-R**: Stands for **RoHS Compliant**, meaning the part is lead-free and meets environmental safety standards. --- ## 3. Working Principle The 5MF6-R acts as a "sacrificial" device in a circuit. Inside the glass tube is a thin wire element designed to melt when the current exceeds 6A. ### Why Use a Fast-Acting Fuse? Unlike "Slow-Blow" (Time-Delay) fuses, the 5MF6-R is designed to open almost instantly upon detecting an overload. This is critical for protecting sensitive electronic components—such as integrated circuits or power transistors—that cannot withstand even brief surges of high current. --- ## 4. Common Applications * **Consumer Electronics:** Power supplies for laptops, monitors, and chargers. * **Testing Equipment:** Multimeters and oscilloscopes. * **Small Appliances:** Coffee makers or blenders where instant shut-off is required during a short circuit. * **Industrial Controls:** Protecting control panels from overcurrent. --- ## 5. Visual and Safety Identification The fuse is transparent, allowing for easy visual inspection. If the internal wire is broken or if there is a dark smudge inside the glass, the fuse has "blown" and must be replaced. > **Safety Warning:** Always ensure the power is disconnected before replacing a fuse. Never replace a 6A fuse with a higher-rated fuse (e.g., 10A), as this can cause fire hazards or permanent damage to your device.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 5MF and 5MT fuse series?
    • ⤷ How can I test a 5MF6-R fuse using a multimeter?
    • ⤷ Does the 250V rating mean it cannot be used in a 120V circuit?