Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 5MF600-R

  • AI
    The **5MF600-R** is a specific type of electronic component—specifically a **miniature cartridge fuse**. It belongs to the 5MF series, which are fast-acting, high-interrupting capacity fuses commonly used in consumer electronics and industrial equipment. ### 1. Technical Specifications The following table summarizes the key electrical and physical characteristics of the 5MF600-R: | Parameter | Specification | | :--- | :--- | | **Current Rating** | 600mA (0.6 Amperes) | | **Voltage Rating** | 250V AC | | **Fuse Type** | Glass Body / Cartridge | | **Response Characteristic** | Fast-Acting (F) | | **Dimensions** | 5mm x 20mm | | **Termination Style** | Cartridge (Ferrule) | | **RoHS Compliant** | Yes (indicated by the "-R" suffix) | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying equivalent parts: * **5MF**: Represents the series (5x20mm glass tube, fast-acting). * **600**: Represents the current rating in milliamps (600mA). * **-R**: Indicates **RoHS compliance** (Lead-free). --- ### 3. Key Features and Applications The 5MF600-R is engineered for specific circuit protection needs: * **Fast-Acting Protection:** Unlike "Slow-Blow" fuses, this component is designed to open (blow) very quickly when an overcurrent occurs. This protects sensitive semiconductor components that cannot withstand even brief surges. * **Glass Construction:** The transparent body allows for easy visual inspection to see if the internal filament has melted. * **Common Applications:** * Power supplies for small appliances. * Testing and measurement instruments. * Control panels and PLCs. * Consumer audio/visual equipment. ### 4. Safety and Replacement When replacing a 5MF600-R, ensure the following criteria are met to maintain safety: 1. **Voltage:** You can use a fuse with a higher voltage rating (e.g., 300V) but never a lower one. 2. **Amperage:** Must be exactly 600mA. Using a higher amperage (e.g., 1A) could allow damage to the device. 3. **Speed:** Ensure the replacement is "Fast-Acting." A "Time-Delay" fuse may not blow fast enough to protect the circuit. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a fast-acting fuse and a slow-blow fuse in a 600mA circuit?
    • ⤷ Can I replace a 5MF600-R with a ceramic fuse of the same rating?
    • ⤷ What are the common manufacturers for the 5MF series fuses?