Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 5MFP5-R

  • AI
    The **5MFP5-R** is a specific type of electronic component, primarily classified as a **Fast-Acting Subminiature Fuse** with axial leads. It is widely used in power supplies, chargers, and consumer electronics to provide overcurrent protection. --- ### 1. Key Technical Specifications The part number follows a standard coding system used by manufacturers like **Bel Fuse Inc.** Here is a breakdown of its technical parameters: | Parameter | Specification | | :--- | :--- | | **Current Rating** | 5 Amperes (5A) | | **Voltage Rating (AC)** | 125V / 250V | | **Fuse Type** | Glass Tube / Subminiature | | **Speed/Characteristic** | Fast-Acting (F) | | **Mounting Type** | Through-Hole (Axial Leads) | | **Termination Style** | Pig-tail (Leaded) | | **RoHS Status** | Compliant (Indicated by the "-R" suffix) | --- ### 2. Breakdown of the Part Number Understanding the nomenclature helps in identifying the component's behavior and physical traits: 1. **5MFP**: This prefix denotes the series. "MFP" typically refers to a subminiature glass body fuse with axial leads. 2. **5**: This represents the continuous current rating (5 Amperes). 3. **-R**: This stands for **RoHS Compliant**, meaning the part is manufactured without lead (Pb) and other hazardous substances. --- ### 3. Physical Construction * **Body Material:** High-quality glass tube. * **End Caps:** Nickel-plated brass for high conductivity and corrosion resistance. * **Leads:** Tin-plated copper wires, allowing the fuse to be soldered directly onto a Printed Circuit Board (PCB) without a fuse holder. * **Dimensions:** Usually 5mm x 15mm (though variations exist, this is the standard size for the 5MFP series). --- ### 4. Applications and Use Cases Because this fuse is "Fast-Acting," it is designed to blow quickly when an overcurrent occurs. It is not suitable for circuits with high "in-rush" currents (like large motors), but it is ideal for: * **Power Adapters:** Protecting sensitive internal circuitry. * **LED Drivers:** Preventing fire hazards during component failure. * **LCD Monitors:** Providing board-level protection. * **Medical Equipment:** Ensuring safety in low-power diagnostic tools. --- ### 5. Selection Precautions * **Interrupting Rating:** Always ensure the fuse's interrupting capacity (the maximum current it can safely stop) exceeds the maximum potential fault current of your power source. * **Voltage:** Never use a 125V rated fuse in a 240V circuit, even if the amperage is the same. * **Soldering:** When installing axial lead fuses, avoid excessive heat on the leads for prolonged periods, as it may damage the internal solder joints or the glass seal.
    ✨ Follow-up Questions
    • ⤷What is the difference between a fast-acting and a slow-blow fuse?
    • ⤷ Can I replace a standard fuse with an axial lead fuse of the same rating?
    • ⤷ What are the common failure modes for subminiature glass fuses?