Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 5MFP8-R

  • AI
    ## Technical Overview of the 5MFP8-R The **5MFP8-R** is a specific type of electronic component categorized as a **subminiature fuse**. It is part of the "5MFP" series, which are fast-acting, pigtail-leaded fuses commonly used in power supplies and consumer electronics. --- ### Key Specifications | Parameter | Value / Description | | :--- | :--- | | **Current Rating** | 8 Amperes (8A) | | **Voltage Rating (AC)** | 125 Volts | | **Fuse Type** | Fast-Acting / Quick-Acting | | **Mounting Style** | Through-Hole (Pigtail Leads) | | **Body Material** | Glass | | **Size/Dimension** | 5mm x 20mm (Standard small form factor) | | **RoHS Compliant** | Yes (Indicated by the **-R** suffix) | --- ### Component Breakdown 1. **Fast-Acting Characteristic**: The "5MFP" series is designed to open (blow) very quickly when an overcurrent occurs. This is critical for protecting sensitive semiconductor devices like ICs or transistors that cannot withstand even brief surges. 2. **Pigtail Leads**: Unlike standard cartridge fuses that require a fuse holder or clip, the 5MFP8-R has metal wires (leads) attached to the end caps. This allows the part to be soldered directly onto a Printed Circuit Board (PCB). 3. **Glass Body**: The transparent glass construction allows for easy visual inspection to determine if the internal filament has melted. 4. **Environmental Compliance**: The **-R** suffix is a standard industry designation for **RoHS Compliance**, meaning the part is lead-free and meets environmental safety standards. --- ### Common Applications Because of its high current rating (8A) and fast response time, it is typically found in: * **Power Supplies**: Protecting the primary or secondary side of AC/DC converters. * **Monitors/Displays**: Safeguarding internal circuitry. * **Industrial Control Boards**: Used where space is limited and a fuse holder is not desired. * **Consumer Appliances**: Small chargers or specialized electronic tools. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a fast-acting and a slow-blow fuse in this series?
    • ⤷ Can the 5MFP8-R be used in a 240V circuit?
    • ⤷ What are the soldering precautions for pigtail fuses?