Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 5MTP125-R

  • AI
    ## Technical Overview of the 5MTP125-R The **5MTP125-R** is a specific type of electronic component classified as a **Time-Delay Radial Lead Micro Fuse**. It is manufactured by **Bel Fuse Inc.** and is widely used for overcurrent protection in compact electronic circuits. --- ### 1. Key Specifications The following table highlights the primary technical parameters of the 5MTP125-R: | Feature | Specification | | :--- | :--- | | **Current Rating** | 125mA (0.125A) | | **Voltage Rating (AC)** | 250V | | **Fuse Type** | Time-Lag (Slow Blow) | | **Package / Case** | Radial Lead (5x20mm style footprint in micro form) | | **Breaking Capacity** | 35A @ 250V AC | | **Resistance (Cold)** | Approximately 3.5 Ohms | | **Melting I²t** | 0.08 A²sec | | **RoHS Status** | Compliant (Lead-Free) | --- ### 2. Functional Description * **Time-Delay (Slow Blow):** Unlike "Fast-Acting" fuses, the 5MTP125-R is designed to withstand temporary surges or "inrush currents." This prevents the fuse from blowing unnecessarily during the initial power-on cycle of a device. * **Radial Lead Design:** The "R" in the suffix often denotes the radial lead configuration. This means the two wires (leads) come out of the same side of the body, making it suitable for vertical mounting on a Printed Circuit Board (PCB). * **Glass Tube Construction:** The "5MTP" series typically features a glass body, allowing for visual inspection to see if the internal filament has melted. --- ### 3. Common Applications Due to its low current rating and slow-blow characteristics, this part is commonly found in: 1. **Power Supplies:** Protecting the primary side of small AC/DC adapters. 2. **Consumer Electronics:** Used in LED lighting drivers and battery chargers. 3. **Industrial Controls:** Protecting sensitive low-power sensors and microcontrollers from long-term overcurrent conditions. --- ### 4. Part Number Breakdown * **5MTP:** Series identifier (Medium Time-Lag, Glass Body, Radial). * **125:** Current rating (125mA). * **-R:** RoHS compliance and specific packaging/lead orientation. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a time-delay fuse and a fast-acting fuse in a circuit?
    • ⤷ How do I test if a 5MTP125-R fuse is blown using a multimeter?
    • ⤷ Are there surface-mount (SMD) equivalents for this radial fuse?