Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 5SF10-R

  • AI
    The **5SF10-R** is a high-speed, fast-acting miniature fuse, typically belonging to the **5SF series** (5x20mm) produced by manufacturers like Bel Fuse. These components are critical for protecting sensitive electronic circuits against overcurrent conditions. --- ### 1. Technical Specifications The following table summarizes the key electrical and physical parameters of the 5SF10-R: | Feature | Specification | | :--- | :--- | | **Current Rating** | 10 Amperes (10A) | | **Voltage Rating (AC)** | 250V AC | | **Response Characteristic** | Fast Acting (F) / Quick Acting | | **Dimensions** | 5mm x 20mm (Diameter x Length) | | **Body Material** | Glass Tube | | **Termination Style** | Cartridge (Ferrule) | | **Compliance** | RoHS 6 Compliant (indicated by the "-R") | | **Interrupting Rating** | 100A @ 250V AC | --- ### 2. Key Features * **Fast-Acting:** Designed to open the circuit almost immediately when the current exceeds the rated 10A. It does not tolerate temporary surges, making it ideal for protecting ICs and semi-conductors. * **RoHS Compliant:** The "-R" suffix denotes that the part is lead-free and meets European environmental standards. * **Visual Inspection:** Since it uses a glass body, users can visually inspect the internal filament to see if the fuse has "blown" (melted). * **Standard Size:** The 5x20mm form factor is one of the most common fuse sizes globally, used in power supplies, chargers, and small appliances. --- ### 3. Typical Applications The 5SF10-R is commonly found in: 1. **Consumer Electronics:** Power strips, monitors, and audio equipment. 2. **Industrial Controls:** Protecting low-voltage control circuits. 3. **Power Supplies:** Serving as the primary safety link on the input side of AC/DC converters. 4. **Medical Equipment:** Devices requiring precise overcurrent protection. --- ### 4. Safety and Design Considerations * **Derating:** Engineers typically do not run a 10A fuse at exactly 10A continuously. It is standard practice to derate the fuse (usually by 25%) to avoid "nuisance blowing" caused by ambient temperature or minor fluctuations. * **Breaking Capacity:** This fuse has a breaking capacity of 100A at 250V AC. Ensure the potential short-circuit current of your power source does not exceed this limit.
    ✨ Follow-up Questions
    • ⤷What is the difference between a fast-acting fuse like the 5SF10-R and a slow-blow fuse?
    • ⤷ How do I test if a 5SF10-R fuse is still functional using a multimeter?
    • ⤷ Can I replace a 5SF10-R with a ceramic version of the same rating?