Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 5SF2.5-R

  • AI
    The **5SF 2.5-R** is a specific type of electronic component, specifically a **Miniature Quick-Acting Fuse**. It belongs to a category of "Small Fuse" (SF) components often used in power supplies, telecommunications, and industrial equipment to protect sensitive circuits from overcurrent conditions. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Part Number** | 5SF 2.5-R | | **Fuse Type** | Glass Body / Miniature Fuse | | **Current Rating** | 2.5 Amperes (A) | | **Voltage Rating** | 250 Volts AC (typical) | | **Response Characteristic** | Fast-Acting / Quick-Acting (F) | | **Dimensions** | 5mm x 20mm (Standard size) | | **Termination Style** | Cartridge (Ferrule) | | **RoHS Compliant** | Yes (Indicated by the "-R" suffix) | --- ### 2. Physical Construction The fuse is built using three primary materials: * **Tube:** Transparent glass body. This allows for visual inspection to see if the internal element has melted (blown). * **End Caps:** Nickel-plated brass or copper caps that provide high conductivity and corrosion resistance. * **Element:** A thin wire or strip made of silver or a silver-plated alloy, designed to melt instantly when the 2.5A threshold is exceeded for a specific duration. --- ### 3. Understanding the Part Number Suffixes In the electronics industry (particularly for brands like **Bel Fuse**), the naming convention breaks down as follows: * **5SF:** The series name, indicating a 5x20mm glass fuse with quick-acting characteristics. * **2.5:** The rated current (2.5 Amps). * **-R:** Indicates "RoHS Compliant," meaning it is manufactured without hazardous substances like lead. --- ### 4. Application and Usage Because this is a **Quick-Acting** fuse, it is used to protect components that cannot withstand even brief surges. * **Best For:** Resistive loads, ICs (Integrated Circuits), and low-power control circuits. * **Not Recommended For:** Inductive loads (like large motors or transformers) that have a high "inrush current," as the fuse will blow prematurely. --- ### 5. Maintenance Safety If a 5SF 2.5-R fuse blows: 1. **Check for Shorts:** Ensure the circuit fault is corrected before replacing. 2. **Match Specifications:** Always replace with a 2.5A fuse. Replacing it with a higher rating (e.g., 5A) risks permanent damage to the device or fire. 3. **Speed Matching:** Ensure the replacement is also "Quick-Acting" (marked with an **F**) rather than "Time-Delay" (marked with a **T**).
    ✨ Follow-up Questions
    • ⤷ What is the difference between a 5SF (fast-acting) and a 5ST (time-delay) fuse?
    • ⤷ Can I use a 2.5A ceramic fuse to replace this glass fuse?
    • ⤷ How do I test if a 5SF 2.5-R fuse is blown using a multimeter?