Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 5SF250-R

  • AI
    The **5SF250-R** is a specific type of electronic component, most commonly categorized as a **Subminiature Surface Mount (SMD) Fuse**. It is part of the "5SF" series, typically manufactured by companies like Bel Fuse, designed for secondary circuit protection. --- ### 1. Technical Specifications The "250" in the part number usually indicates the current rating (250mA), while the "R" often signifies RoHS compliance. | Feature | Specification | | :--- | :--- | | **Component Type** | Fast-Acting Fuse | | **Current Rating** | 250 mA (0.25A) | | **Voltage Rating** | 125V AC / DC (Typical) | | **Package / Case** | 2410 (6125 Metric) or similar Brick style | | **Interrupting Rating** | 50A @ 125V AC/DC | | **Material** | Ceramic Body, Gold/Tin Plated Caps | | **Compliance** | RoHS 6 Compliant, Halogen-Free | --- ### 2. Key Characteristics #### A. Fast-Acting (Quick-Acting) Unlike "Slow-Blow" fuses, the 5SF series is designed to open (blow) very quickly when an overcurrent condition occurs. This is critical for protecting sensitive semiconductor components that cannot withstand even brief surges. #### B. Subminiature Design The footprint is extremely small, making it ideal for dense Printed Circuit Board (PCB) layouts where vertical space is limited. #### C. Surface Mount Technology (SMT) It is designed for automated pick-and-place assembly and infrared/vapor phase reflow soldering. --- ### 3. Common Applications Due to its low current rating and fast response time, the 5SF250-R is typically found in: * **LCD Monitors & Backlight Inverters:** Protecting the low-power logic boards. * **Medical Equipment:** Providing circuit isolation in diagnostic tools. * **Telecommunications:** Protection for networking interfaces and line cards. * **Power Supplies:** Used on the secondary side of AC/DC converters for fine-tuned protection. --- ### 4. Comparison: Fast-Acting vs. Time-Delay It is important to ensure the "Fast-Acting" nature of the 5SF250-R matches your circuit requirements. | Feature | 5SF250-R (Fast-Acting) | 5ST Series (Time-Delay) | | :--- | :--- | :--- | | **Response to 200% Overload** | < 5 seconds | > 10 seconds | | **In-rush Tolerance** | Very Low | High | | **Best For** | ICs, Logic Gates | Motors, Transformers | ---
    ✨ Follow-up Questions
    • ⤷ What is the exact physical dimension of the 2410 package in millimeters?
    • ⤷ Can a 250mA fuse be replaced by a 500mA fuse in a 5SF series circuit?
    • ⤷ What are the soldering temperature profiles recommended for the 5SF250-R?