Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 5SF8-R

  • AI
    The **5SF8-R** is a specific model of high-performance, fast-acting miniature fuse. It belongs to the **5SF series**, which is widely used in power supplies, consumer electronics, and industrial equipment to protect circuits against overcurrent conditions. --- ## 1. Technical Specifications The "R" suffix typically denotes RoHS compliance (lead-free). Below are the core technical parameters for this component: | Parameter | Value/Description | | :--- | :--- | | **Fuse Type** | Glass Body / Cartridge Fuse | | **Response Characteristic** | Fast-Acting (F) | | **Dimensions** | 5mm x 20mm | | **Voltage Rating** | 250V AC | | **Current Rating** | 8 Amperes (8A) | | **Interrupting Rating** | 80A @ 250V AC | | **Compliance** | RoHS 6/6, CE, UL Listed | --- ## 2. Key Features ### Fast-Acting Response The 5SF series is designed to "blow" or open the circuit almost instantly when the current exceeds its 8A rating. This is critical for protecting sensitive semiconductor components (like ICs and transistors) that cannot withstand even brief surges. ### Physical Construction * **Body:** Transparent glass tube allows for easy visual inspection to see if the internal filament has melted. * **End Caps:** Nickel-plated brass caps for high conductivity and corrosion resistance. * **Standard Size:** The 5mm x 20mm form factor is the global standard for small electronic devices, making replacements easy to source. --- ## 3. Applications and Use Cases The **5SF8-R** is commonly found in the following environments: 1. **Power Supplies:** Protecting the input stage of AC/DC adapters. 2. **Consumer Electronics:** Used in televisions, audio systems, and monitors. 3. **Industrial Controls:** Protecting PLCs (Programmable Logic Controllers) and sensor arrays. 4. **Testing Equipment:** Safeguarding multimeters and oscilloscopes from user error. --- ## 4. Comparison: Fast-Acting vs. Time-Delay It is important not to confuse the **5SF** (Fast-acting) with the **5ST** (Time-delay) series. * **5SF8-R:** Opens immediately. Use this for resistive loads or sensitive electronics. * **5ST8-R:** Withstands a temporary surge (inrush current). Use this for motors or transformers that "spike" when turned on. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an 80A interrupting rating and the 8A current rating?
    • ⤷ Can a 5SF8-R be used in a DC circuit if it is rated for 250V AC?
    • ⤷ What are the common fuse holder types used for 5mm x 20mm fuses?