Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 5SFP200-R

  • AI
    The **5SFP200-R** is a high-performance **Fast Recovery Diode** (specifically a rectifier diode) manufactured by companies like ABB or specialized power semiconductor firms. It is designed for high-power industrial applications where high voltage and fast switching speeds are critical. --- ### ## Technical Specifications Below are the typical electrical characteristics for the 5SFP200-R: | Parameter | Value | Description | |:---|:---|:---| | **$V_{RRM}$** | 2000V - 2500V | Peak Repetitive Reverse Voltage | | **$I_{F(AV)}$** | ~200A | Average Forward Current | | **$t_{rr}$** | < 2.5 $\mu$s | Reverse Recovery Time | | **Package** | Hockey Puk / Press-Pack | Ceramic disk for high pressure mounting | | **Junction Temp** | Up to 125°C | Maximum operating temperature | --- ### ### Key Electronic Features 1. **Fast Recovery Time ($t_{rr}$):** Unlike standard rectifiers, the "Fast Recovery" nature allows the diode to switch from a conducting state to a blocking state very quickly. This reduces switching losses in high-frequency circuits. 2. **Press-Pack Design:** The component is housed in a ceramic "hockey puk" package. It does not have wire leads; instead, it is compressed between two heatsinks. This ensures excellent thermal dissipation and high reliability under thermal cycling. 3. **Soft Recovery Characteristics:** It is designed to minimize electromagnetic interference (EMI) and voltage spikes during the turn-off phase. 4. **High Surge Current Capability:** It can withstand significant temporary current surges without failing, which is vital for motor starting or grid fluctuations. --- ### ### Common Applications The 5SFP200-R is typically found in heavy industrial electronics, including: * **Traction Motors:** Used in electric trains and heavy transport power converters. * **Induction Heating:** Used as a freewheeling diode in high-frequency heating power supplies. * **UPS Systems:** Large scale Uninterruptible Power Supplies for data centers. * **HVDC Transmission:** High Voltage Direct Current power transmission equipment. * **Welding Equipment:** Industrial-grade DC welding power sources. --- ### ### Implementation Example When using this diode in a circuit, it is often paired with an IGBT or Thyristor in a "freewheeling" configuration to protect the switching elements from inductive kickback. ```cpp // Schematic Logic for Diode Protection If (Switch_Open == TRUE) { Inductor_Current -> Flows_Through -> 5SFP200-R; // The fast recovery prevents voltage spikes from damaging the Switch } ```
    ✨ Follow-up Questions
    • ⤷What are the mounting requirements for a Press-Pack diode like the 5SFP200-R?
    • ⤷ How does the reverse recovery time affect the efficiency of a power converter?
    • ⤷ What are the direct equivalents for the 5SFP200-R from other manufacturers?