Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 5ST10-R

  • AI
    ## Overview of the 5ST10-R Fuse The **5ST10-R** is a specific model of miniature glass tube fuse. It belongs to the **5ST series**, which is widely recognized in the electronics industry for providing reliable overcurrent protection in various circuits. ### 1. Key Technical Specifications The following table outlines the primary electrical and physical characteristics of the 5ST10-R: | Parameter | Specification | | :--- | :--- | | **Part Number** | 5ST10-R | | **Current Rating** | 10 Amperes (10A) | | **Voltage Rating** | 250V AC | | **Fuse Type** | Miniature Glass Tube | | **Response Characteristic** | Time-Lag (Slow Blow) | | **Dimensions** | 5mm x 20mm | | **Termination Style** | Cartridge (Ferrule) | | **Breaking Capacity** | 100A @ 250V AC | | **Compliance** | RoHS Compliant, Lead-Free | --- ### 2. Functional Characteristics #### Time-Lag (Slow Blow) Mechanism The "T" in the series designation often signifies "Time-Lag." Unlike "Fast-Acting" fuses, the 5ST10-R is designed to withstand temporary surges in current (inrush current) that occur when devices like motors or large capacitors power on. It will only blow if the overcurrent persists beyond a specific threshold. #### Physical Construction * **Tube:** High-quality glass, allowing for visual inspection of the fuse element. * **Caps:** Nickel-plated brass end caps for high conductivity and corrosion resistance. * **Filament:** A coiled or weighted wire designed to melt at a specific thermal energy level ($I^2t$). --- ### 3. Common Applications The 5ST10-R is typically found in: 1. **Consumer Electronics:** Power supplies for televisions, audio amplifiers, and computers. 2. **Industrial Equipment:** Control panels and small motor circuits. 3. **Chargers:** Battery charging stations where initial plug-in currents are high. 4. **Appliances:** Microwave ovens and coffee makers. --- ### 4. Safety and Replacement Notes * **Orientation:** Fuses are non-polarized and can be installed in either direction within a 5x20mm fuse holder. * **Replacement:** Always replace a 5ST10-R with a fuse of the same current (10A) and voltage (250V) rating. Replacing a "Slow Blow" fuse with a "Fast-Acting" fuse may cause the circuit to blow unnecessarily during startup.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 5ST and 5SF fuse series?
    • ⤷ Can a 250V fuse be used in a 125V circuit safely?
    • ⤷ How do I test if a 5ST10-R fuse is blown using a multimeter?