Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 5ST8-R

  • AI
    The **5ST8-R** is a specific type of electronic component primarily categorized as a **Slow-Blow (Time-Delay) Subminiature Fuse**. It is widely used in power supplies, consumer electronics, and industrial controllers to protect circuits from overcurrent conditions. --- ## 1. Technical Specifications The "5ST" series follows standard fuse classifications. Below are the typical specifications for the 5ST8-R model: | Characteristic | Specification | | :--- | :--- | | **Type** | Glass Body / Subminiature | | **Fuse Speed** | Slow-Blow (Time-Delay / T-Type) | | **Current Rating** | 8 Amperes (8A) | | **Voltage Rating** | Typically 250V AC | | **Material** | Glass Tube with Nickel-plated Brass Endcaps | | **Mounting Type** | Through-hole (Pigtail Leads) or Cartridge | | **RoHS Compliant** | Yes (indicated by the "-R" suffix) | --- ## 2. Key Features * **Time-Delay Function:** Unlike fast-acting fuses, the 5ST8-R can withstand temporary surges or "inrush currents" (e.g., when a motor starts or a capacitor charges) without blowing immediately. * **Glass Body:** Allows for easy visual inspection to see if the internal filament has melted. * **RoHS Compliance:** The "-R" in the part number signifies that the component is Lead-Free and meets environmental safety standards. * **Compact Design:** The 5ST series is usually $5 \times 20$ mm, making it suitable for space-constrained PCB designs. --- ## 3. Part Number Breakdown Understanding the nomenclature helps in identifying variants: | Segment | Meaning | | :--- | :--- | | **5ST** | Series designation (Slow-blow, 5x20mm standard) | | **8** | Amperage rating (8 Amps) | | **-R** | RoHS Compliant (Lead-free) | --- ## 4. Common Applications Due to its time-delay nature, the 5ST8-R is found in devices where high initial current is expected: 1. **LED Lighting Drivers:** Handles the initial surge when lights are switched on. 2. **Power Adapters:** Protects against short circuits while ignoring brief spikes. 3. **Electric Motors:** Withstands the high starting torque current. 4. **Audio Amplifiers:** Manages power supply fluctuations. --- ### Important Safety Note > **Warning:** When replacing a 5ST8-R fuse, always ensure the replacement matches the Amperage (8A) and Voltage (250V) exactly. Never replace a slow-blow fuse with a fast-acting fuse, as it will likely blow instantly upon device startup.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 5ST and 5SF fuse series?
    • ⤷ Can I use a 5ST8-R fuse in a 125V circuit?
    • ⤷ How do I test if a 5ST8-R fuse is still functional using a multimeter?