Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 5STP5-R

  • AI
    The **5STP5-R** (often associated with the ABB/Hitachi family of Phase Control Thyristors) is a high-power semiconductor device designed for heavy-duty industrial switching and power conversion. --- ## 1. Device Classification The 5STP5-R is a **Phase Control Thyristor (PCT)**, also known as a **Silicon Controlled Rectifier (SCR)**. It is designed to handle extremely high currents and voltages, typically used in large-scale electrical grids or industrial plants. ### Key Characteristics | Feature | Description | | :--- | :--- | | **Package Type** | Press-pack (Hockey Puk) | | **Switching Type** | Phase-controlled (Line commutated) | | **Mounting** | Clamped under high pressure for thermal/electrical contact | | **Operation** | Unidirectional current flow, triggered by a gate signal | --- ## 2. Technical Specifications (Typical) *Note: Specific values vary slightly by sub-model (e.g., 5STP 08F6500). Below are standard parameters for this series.* | Parameter | Symbol | Value Range | | :--- | :--- | :--- | | **Repetitive Peak Voltage** | $V_{DRM} / V_{RRM}$ | Up to 4500V - 6500V | | **Average On-State Current** | $I_{T(AV)}$ | 800A to 5000A+ (depending on cooling) | | **Surge Current** | $I_{TSM}$ | 10kA to 50kA (10ms half-sine) | | **Gate Trigger Current** | $I_{GT}$ | 150mA - 400mA | | **Operating Temperature** | $T_j$ | Up to 125°C | --- ## 3. Structural Design The "R" designation typically refers to specific **reverse blocking** capabilities or a specific **mechanical housing** size within the ABB nomenclature. ### The "Press-Pack" Advantage Unlike standard transistors, these parts do not have solder joints. They consist of a large silicon wafer sandwiched between two molybdenum or copper plates. 1. **Double-side cooling:** Allows heat to dissipate from both the top (anode) and bottom (cathode). 2. **Thermal Fatigue Resistance:** Because they are not soldered, they can handle frequent thermal expansion and contraction better than modules. 3. **Explosion Safety:** In case of failure, the housing is designed to contain the arc. --- ## 4. Common Applications Due to its high power rating, the 5STP5-R is used in: * **HVDC Transmission:** Converting AC to DC for long-distance power travel. * **Soft Starters:** Controlling the ramp-up of massive industrial motors. * **Static Var Compensators (SVC):** Maintaining voltage stability in power grids. * **Industrial Electrolysis:** High-current power supplies for aluminum or chlorine production. --- ## 5. Usage Precautions ```cpp // Logic for triggering a Thyristor in a controlled system if (Phase_Angle == Target_Angle && Voltage_Polarity == POSITIVE) { Apply_Gate_Pulse(current: 2.0A, duration: 100us); } ``` * **Clamping Force:** The device will fail if not compressed with the exact kilonewtons (kN) specified in the datasheet. * **Snubber Circuits:** Must be used with RC networks to prevent $dv/dt$ (voltage spikes) from accidentally triggering the device.
    ✨ Follow-up Questions
    • ⤷ What is the required clamping force (kN) for a standard 5STP series thyristor?
    • ⤷ How does a Phase Control Thyristor differ from a Gate Turn-Off (GTO) thyristor?
    • ⤷ What are the common failure modes for press-pack semiconductors?