Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 5STP500-R

  • AI
    The **5STP 500-R** is a high-power industrial semiconductor component, specifically categorized as a **Phase Control Thyristor (SCR)**. It is manufactured by ABB (now Hitachi Energy) and is designed for applications requiring the control of very high currents and voltages. --- ### ## Technical Specifications The following table highlights the key electrical characteristics typically associated with the 5STP series: | Parameter | Description | Typical Value | | :--- | :--- | :--- | | **$V_{DRM} / V_{RRM}$** | Repetitive Peak Off-State / Reverse Voltage | Up to 1200V - 1800V | | **$I_{T(AV)}$** | Average On-State Current | ~500 A | | **$I_{TSM}$** | Surge On-State Current (Non-repetitive) | ~7.5 - 9.0 kA | | **$V_{T}$** | On-state Voltage Drop | ~1.5V - 1.8V | | **Package Type** | Physical Housing | Press-Pack (Hockey Puck) | --- ### ## Key Features and Design The 5STP 500-R is engineered for durability in harsh electrical environments: 1. **Press-Pack Technology:** Unlike standard plastic modules, this device uses a "Hockey Puck" design. It requires a specific clamping force to ensure electrical contact and thermal dissipation. 2. **Double-Side Cooling:** Because of its flat design, it can be cooled from both the top and bottom surfaces, significantly increasing its current-carrying capacity. 3. **Low Conduction Losses:** Designed to minimize heat generation during the "On" state, which improves overall system efficiency. 4. **High Surge Current Capability:** It can withstand significant momentary current spikes without failure, which is critical for motor starting or fault conditions. --- ### ## Common Applications These thyristors are found in heavy-duty industrial power electronic systems: * **AC/DC Drives:** Controlling the speed of large industrial motors. * **Soft Starters:** Gradually increasing voltage to limit inrush current in motors. * **High Power Rectifiers:** Converting AC to DC for electrochemical processes or smelting. * **Static Var Compensators (SVC):** Used in power grids to regulate voltage and power factor. --- ### ## Installation Precautions * **Clamping Force:** It is critical to apply the manufacturer-specified mounting force. Too little force results in high resistance and overheating; too much force can crack the silicon wafer inside. * **Surface Finishes:** The heatsink surfaces must be perfectly flat and coated with a thin layer of thermal compound to ensure maximum conductivity.
    ✨ Follow-up Questions
    • ⤷What is the recommended clamping force for a press-pack thyristor like the 5STP 500-R?
    • ⤷ How does a Phase Control Thyristor differ from a Gate Turn-Off (GTO) thyristor?
    • ⤷ What are the common failure modes for high-power industrial SCRs?